Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 102 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 98Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 99Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 100Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 101Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 102Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 103Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 104Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 105Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 197 page
background image
102
AT89C51CC03
4182K–CAN–05/06
Time Trigger
Communication (TTC)
and Message Stamping
The AT89C51CC03 has a programmable 16-bit Timer (CANTIMH and CANTIML) for
message stamp and TTC.
This CAN Timer starts after the CAN controller is enabled by the ENA bit in the CANG-
CON register.
Two modes in the timer are implemented:
•
Time Trigger Communication:
–
Capture of this timer value in the CANTTCH and CANTTCL registers on
Start Of Frame (SOF) or End Of Frame (EOF), depending on the SYNCTTC
bit in the CANGCON register, when the network is configured in TTC by the
TTC bit in the CANGCON register.
Note:
In this mode, CAN only sends the frame once, even if an error occurs.
•
Message Stamping
–
Capture of this timer value in the CANSTMPH and CANSTMPL registers of
the message object which received or sent the frame.
–
All messages can be stamps.
–
The stamping of a received frame occurs when the RxOk flag is set.
–
The stamping of a sent frame occurs when the TxOk flag is set.
The CAN Timer works in a roll-over from FFFFh to 0000h which serves as a time base.
When the timer roll-over from FFFFh to 0000h, an interrupt is generated if the ETIM bit
in the interrupt enable register IEN1 is set.
Figure 55. Block Diagram of CAN Timer
EOF on CAN frame
ENA
CANGCON.1
CANTCON
RXOK i
CANSTCH.5
TXOK i
CANSTCH.4
÷ 6
Fcan
CLOCK
SOF on CAN frame
TTC
CANGCON.5
SYNCTTC
CANGCON.4
CANTTCH and CANTTCL
CANSTMPH and CANSTMPL
CANTIMH and CANTIML
OVRTIM
CANGIT.5
When 0xFFFF to 0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com