Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 49Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 50Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 51Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 52Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 53Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 54Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 55Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 56Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 197 page
background image
53
AT89C51CC03
4182K–CAN–05/06
Figure 27. Hardware Programming Procedure
Reset the Column Latches
An automatic reset of the column latches is performed after a successful Flash
write sequence. User can also reset the column latches manually, for instance
to reload the column latches before writing the Flash. The following procedure is
summarized below.
•
Save and disable the interrupts.
•
Launch the reset by writing the data sequence 56h followed by A6h in FCON
register (only from FM1).
•
Restore the interrupts.
Error Reports
Flash Programming Sequence
Errors
When a wrong sequence is detected, the SEQERR bit in FSTA register is set. Possible
wrong sequence are :
•
MOV FCON, 5xh instruction not immediately followed by a MOV FCON, Ax
instruction.
•
A write Flash sequence is launched while no data were loaded in the column latches
The SEQERR bit can be cleared
•
By software
•
By hardware when a correct programming sequence is completed
When multiple pages are written into the Flash, the user should check FSTA for errors
after each write page sequences, not only at the end of the multiple write pages.
Flash Spaces
Programming
Save and Disable IT
EA = 0
Launch Programming
FCON = 54h
FCON = A4h
End Programming
RestoreIT
FBusy
Cleared?
Clear Mode
FCON = 00h
Data Load
DPTR = 00h
ACC = Data
Exec: MOVX @DPTR, A
FCON = 0Ch
Save and Disable IT
EA = 0
End Loading
Restore IT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com