Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 112 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 108Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 109Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 110Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 111Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 112Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 113Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 114Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 115Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 197 page
background image
112
AT89C51CC03
4182K–CAN–05/06
Table 54. CANEN1 Register
CANEN1 (S:CEh Read Only)
CAN Enable Message Object Registers 1
Reset Value = x000 0000b
Table 55. CANEN2 Register
CANEN2 (S:CFh Read Only)
CAN Enable Message Object Registers 2
Reset Value = 0000 0000b
76
54
32
1
0
-
ENCH14
ENCH13
ENCH12
ENCH11
ENCH10
ENCH9
ENCH8
Bit
Number
Bit Mnemonic Description
7-
Reserved
The values read from this bit is indeterminate. Do not set this bit.
6-0
ENCH14:8
Enable Message Object
These bits provide the availability of the MOb.
It is set to one when the MOb is enabled.
Once TXOK or RXOK is set to one (TXOK for automatic reply), the
corresponding ENMOB is reset. ENMOB is also set to zero configuring the
MOb in disabled mode, applying abortion or standby mode.
0 - message object disabled: MOb available for a new transmission or
reception.
1 - message object enabled: MOb in use.
This bit is resetable by re-writing the CANCONCH of the corresponding
message object.
76
54
32
1
0
ENCH7
ENCH6
ENCH5
ENCH4
ENCH3
ENCH2
ENCH1
ENCH0
Bit
Number
Bit Mnemonic Description
7-0
ENCH7:0
Enable Message Object
These bits provide the availability of the MOb.
It is set to one when the MOb is enabled.
Once TXOK or RXOK is set to one (TXOK for automatic reply), the
corresponding ENMOB is reset. ENMOB is also set to zero configuring the
MOb in disabled mode, applying abortion or standby mode.
0 - message object disabled: MOb available for a new transmission or
reception.
1 - message object enabled: MOb in use.
This bit is resetable by re-writing the CANCONCH of the corresponding
message object.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com