Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03C-RDTIM Datasheet(PDF) 169 Page - ATMEL Corporation

Part # AT89C51CC03C-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03C-RDTIM Datasheet(HTML) 169 Page - ATMEL Corporation

Back Button AT89C51CC03C-RDTIM Datasheet HTML 165Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 166Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 167Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 168Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 169Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 170Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 171Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 172Page - ATMEL Corporation AT89C51CC03C-RDTIM Datasheet HTML 173Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 197 page
background image
169
AT89C51CC03
4182K–CAN–05/06
Electrical Characteristics
Absolute Maximum Ratings
ICCOP Test Conditions
Power Consumption
Management
Since the introduction of the first C51 device, every manufacturer made operating I
CC
measurements under Reset, which made sense for the designs where the CPU was
running under reset. In our new devices, the CPU is no longer active during reset, so the
power consumption is very low but not representative of what will happen in the cus-
tomer system. Thus, while keeping measurements under Reset, we present a new way
to measure the operating I
CC.
Using an internal test ROM, the following code is executed.
Label: SJMP Label (80FE)
Ports 1 and 4 are disconnected, RST = Vcc, XTAL2 is not connected and XTAL1 is
driven by the clock.
This is much more representative of the real operating Icc.
DC Parameters for Standard Voltage
Industrial TA = -40°C to +85°C; VSS = 0V;
Automotive TA = -40°C to +125°C; VSS = 0V
V
CC =3.0V to 5.5V and F = 0 to 40 MHz (both internal and external code execution)
VCC =4.5V to 5.5V and F = 0 to 60 MHz (internal code execution only)
Ambiant Temperature Under Bias:
I = industrial........................................................-40
°C to 85°C
A = automotive..................................................-40°C to +125°C
Voltage on V
CC from VSS ......................................-0.5V to + 6V
Voltage on Any Pin from V
SS..................... -0.5V to VCC + 0.2V
Power Dissipation .............................................................. 1 W
Table 116. DC Parameters in Standard Voltage
Symbol
Parameter
Min
Typ(5)
Max
Unit
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2Vcc - 0.1
V
V
IH
Input High Voltage except XTAL1, RST
0.2 V
CC + 0.9
V
CC + 0.5
V
V
IH1
Input High Voltage, XTAL1, RST
0.7 V
CC
V
CC + 0.5
V
V
OL
Output Low Voltage, ports 1, 2, 3 and 4(6)
0.3
0.45
1.0
V
V
V
I
OL = 100 μA
(4)
I
OL = 1.6 mA
(4)
I
OL = 3.5 mA
(4)
V
OL1
Output Low Voltage, port 0, ALE, PSEN (6)
0.3
0.45
1.0
V
V
V
I
OL = 200 μA
(4)
I
OL = 3.2 mA
(4)
I
OL = 7.0 mA
(4)
Note:
Stresses at or above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions may affect
device reliability.
The power dissipation is based on the maximum allowable
die temperature and the thermal resistance of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com