Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW28 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYW28
Description  Ultra fast low-loss controlled avalanche rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYW28 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYW28 Datasheet HTML 1Page - NXP Semiconductors BYW28 Datasheet HTML 2Page - NXP Semiconductors BYW28 Datasheet HTML 3Page - NXP Semiconductors BYW28 Datasheet HTML 4Page - NXP Semiconductors BYW28 Datasheet HTML 5Page - NXP Semiconductors BYW28 Datasheet HTML 6Page - NXP Semiconductors BYW28 Datasheet HTML 7Page - NXP Semiconductors BYW28 Datasheet HTML 8Page - NXP Semiconductors BYW28 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Nov 26
2
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifier
BYW28 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability.
DESCRIPTION
Rugged glass SOD115 package,
using a high temperature alloyed
construction.
The package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
Fig.1 Simplified outline (SOD115) and symbol.
handbook, halfpage
ka
MAM384
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYW28-500
−
500
V
BYW28-600
−
600
V
VR
continuous reverse voltage
BYW28-500
−
500
V
BYW28-600
−
600
V
IF(AV)
average forward current
Ttp =85 °C; lead length = 10 mm;
see Fig.2;
averaged over any 20 ms period;
see also Fig.6
−
4A
Tamb =60 °C; printed-circuit board
mounting (see Fig.11); see Fig.3;
averaged over any 20 ms period;
see also Fig.6
−
1.7
A
IFRM
repetitive peak forward current
Ttp =85 °C; see Fig.4
−
46
A
Tamb =60 °C; see Fig.5
−
21
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave;
Tj =Tj max prior to surge;
VR =VRRMmax
−
170
A
ERSM
non-repetitive peak reverse
avalanche energy
L = 120 mH; Tj =Tj max prior to
surge; inductive load switched off
−
20
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Fig.7
−65
+175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com