Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW29 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYW29
Description  Rectifier diodes ultrafast
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYW29 Datasheet(HTML) 1 Page - NXP Semiconductors

  BYW29 Datasheet HTML 1Page - NXP Semiconductors BYW29 Datasheet HTML 2Page - NXP Semiconductors BYW29 Datasheet HTML 3Page - NXP Semiconductors BYW29 Datasheet HTML 4Page - NXP Semiconductors BYW29 Datasheet HTML 5Page - NXP Semiconductors BYW29 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYW29 series
ultrafast
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated high efficiency
SYMBOL
PARAMETER
MAX.
MAX.
MAX.
UNIT
rectifier diodes in a plastic envelope,
featuring low forward voltage drop,
BYW29-
100
150
200
ultra-fast recovery times and soft
V
RRM
Repetitive peak reverse
100
150
200
V
recovery characteristic. They are
voltage
intended for use in switched mode
V
F
Forward voltage
0.895
0.895
0.895
V
power supplies and high frequency
I
F(AV)
Forward current
8
8
8
A
circuits
in
general
where
low
t
rr
Reverse recovery time
25
25
25
ns
conduction and switching losses are
essential.
PINNING - TO220AC
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
cathode (k)
2
anode (a)
tab
cathode (k)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-100
-150
-200
V
RRM
Repetitive peak reverse voltage
-
100
150
200
V
V
RWM
Crest working reverse voltage
-
100
150
200
V
V
R
Continuous reverse voltage
-
100
150
200
V
I
F(AV)
Average forward current
1
square wave;
δ = 0.5;
-
8
A
T
mb ≤ 128 ˚C
sinusoidal; a = 1.57;
-
7.3
A
T
mb ≤ 130 ˚C
I
F(RMS)
RMS forward current
-
11.3
A
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
16
A
T
mb ≤ 128 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
80
A
current
t = 8.3 ms
-
88
A
sinusoidal; with reapplied
V
RWM(max)
I
2t
I
2t for fusing
t = 10 ms
-
32
A
2s
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
1
tab
2
k
a
1 Neglecting switching and reverse current losses
October 1994
1
Rev 1.100


Similar Part No. - BYW29

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW29 STMICROELECTRONICS-BYW29 Datasheet
72Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
logo
ON Semiconductor
BYW29 ONSEMI-BYW29 Datasheet
56Kb / 4P
SWITCHMODE TM Power Rectifiers
August, 2005 ??Rev. 1
logo
General Semiconductor
BYW29-100 GE-BYW29-100 Datasheet
74Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Microsemi Corporation
BYW29-100 MICROSEMI-BYW29-100 Datasheet
137Kb / 3P
RECTIFIERS
logo
Vishay Siliconix
BYW29-100 VISHAY-BYW29-100 Datasheet
141Kb / 5P
Ultrafast Rectifier
07-Nov-07
More results

Similar Description - BYW29

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ28X PHILIPS-BYQ28X Datasheet
46Kb / 6P
Rectifier diodes ultrafast
August 1996 Rev 1.000
BYR29 PHILIPS-BYR29 Datasheet
43Kb / 5P
Rectifier diodes ultrafast
September 1998 Rev 1.300
BYR29F PHILIPS-BYR29F Datasheet
45Kb / 6P
Rectifier diodes ultrafast
September 1998 Rev 1.400
BYV29F PHILIPS-BYV29F Datasheet
52Kb / 7P
Rectifier diodes ultrafast
February 1999 Rev 1.400
BYV72F PHILIPS-BYV72F Datasheet
40Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYV79 PHILIPS-BYV79 Datasheet
34Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
BYW29F PHILIPS-BYW29F Datasheet
41Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
logo
Guangdong Kexin Industr...
MURS260 KEXIN-MURS260 Datasheet
819Kb / 2P
Ultrafast Rectifier Diodes
logo
NXP Semiconductors
BYT79 PHILIPS-BYT79_15 Datasheet
120Kb / 7P
Rectifier diodes ultrafast
September 1998
BYV29 PHILIPS-BYV29_15 Datasheet
119Kb / 7P
Rectifier diodes ultrafast
September 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com