Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2700CSC Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # SM2700CSC
Description  N- and P-Channel 20V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SM2700CSC Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  SM2700CSC Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SM2700CSC Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SM2700CSC Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SM2700CSC Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SM2700CSC Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SM2700CSC Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SM2700CSC Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SM2700CSC Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SM2700CSC Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•100 % Rg Tested
•
Compliant to RoHS Directive 2002/95/EC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
N-Channel
20
0.
022 at V
GS = 10 V
5.
0.
036 at V
GS = 4.5 V
4.2
P-Channel
- 20
0.
030 at V
GS = - 10 V
-
3.4
0.
079 at V
GS = - 4.5 V
-
2.5
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
D2
G2
S1
S2
D1
G1
D1
G1
S1
N-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
Notes:
a. Surface Mounted on FR4 board.
b. t
≤ 5 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
20
- 20
V
Gate-Source Voltage
VGS
± 20
± 20
Continuous Drain Current (TJ = 150 °C)
a, b
TA = 25 °C
ID
5.
-
3.4
A
TA = 70 °C
4.0
-
2.3
Pulsed Drain Current
IDM
Continuous Source Current (Diode Conduction)a, b
IS
1.05
- 1.05
Maximum Power Dissipationa, b
TA = 25 °C
PD
1.15
W
TA = 70 °C
0.73
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
93
110
°C/W
Steady State
130
150
Maximum Junction-to-Lead
Steady State
RthJL
75
90
N- and P-Channel
V (D-S) MOSFET
SM2700CSC
www.VBsemi.com
5
5
15
10
0
2
服务热线:400-655-8788


Similar Part No. - SM2700CSC

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SM270808-1 DBUNLIMITED-SM270808-1 Datasheet
765Kb / 1P
Released from Engineering
SM270908-1 DBUNLIMITED-SM270908-1 Datasheet
801Kb / 1P
Released from Engineering
More results

Similar Description - SM2700CSC

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
M2704 VBSEMI-M2704 Datasheet
607Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
MIS6327 VBSEMI-MIS6327 Datasheet
607Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
MTC3585N6 VBSEMI-MTC3585N6 Datasheet
606Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
NTGD4167CT1G VBSEMI-NTGD4167CT1G Datasheet
607Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
SPC6605ST6RG VBSEMI-SPC6605ST6RG Datasheet
613Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
STS2620A VBSEMI-STS2620A Datasheet
613Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
STS6604L VBSEMI-STS6604L Datasheet
613Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
STT3524C VBSEMI-STT3524C Datasheet
611Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
STT3585 VBSEMI-STT3585 Datasheet
612Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
STT6601 VBSEMI-STT6601 Datasheet
613Kb / 10P
N- and P-Channel 20V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com