Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P65N02RG Datasheet(PDF) 1 Page - ON Semiconductor

Part # P65N02RG
Description  Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P65N02RG Datasheet(HTML) 1 Page - ON Semiconductor

  P65N02RG Datasheet HTML 1Page - ON Semiconductor P65N02RG Datasheet HTML 2Page - ON Semiconductor P65N02RG Datasheet HTML 3Page - ON Semiconductor P65N02RG Datasheet HTML 4Page - ON Semiconductor P65N02RG Datasheet HTML 5Page - ON Semiconductor P65N02RG Datasheet HTML 6Page - ON Semiconductor P65N02RG Datasheet HTML 7Page - ON Semiconductor P65N02RG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
May, 2005 − Rev. 6
1
Publication Order Number:
NTB65N02R/D
NTB65N02R, NTP65N02R
Power MOSFET
65 A, 24 V N−Channel
TO−220, D2PAK
Features
• Planar HD3e Process for Fast Switching Performance
• Low R
DSon to Minimize Conduction Loss
• Low C
iss to Minimize Driver Loss
• Low Gate Charge
• Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C Unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
25
Vdc
Gate−to−Source Voltage − Continuous
VGS
±20
Vdc
Thermal Resistance − Junction−to−Case
Total Power Dissipation @ TC = 25°C
Drain Current −
Continuous @ TC = 25°C, Chip
Continuous @ TC =25°C, Limited by Package
Single Pulse (tp = 10 ms)
RqJC
PD
ID
ID
IDM
2.0
62.5
65
58
160
°C/W
W
A
A
A
Thermal Resistance −
Junction−to−Ambient (Note 1)
Total Power Dissipation @ TA = 25°C
Drain Current − Continuous @ TA = 25°C
RqJA
PD
ID
67
1.86
10
°C/W
W
A
Thermal Resistance −
Junction−to−Ambient (Note 2)
Total Power Dissipation @ TA = 25°C
Drain Current − Continuous @ TA = 25°C
RqJA
PD
ID
120
1.04
7.6
°C/W
W
A
Operating and Storage Temperature Range
TJ and
Tstg
−55 to
150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 50 Vdc, VGS = 10 Vdc, IL = 11 Apk,
L = 1 mH, RG = 25 W)
EAS
60
mJ
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from Case for 10 Seconds
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. When surface mounted to an FR4 board using 1 in. pad size, (Cu Area 1.127 in2).
2. When surface mounted to an FR4 board using minimum recommended pad
size, (Cu Area 0.412 in2).
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
AYWW
P65N02RG
http://onsemi.com
TO−220AB
CASE 221A
STYLE 5
MARKING
DIAGRAMS
65N02R = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
D2PAK
CASE 418AA
STYLE 2
D
S
G
AYWW
65N02RG
1
2
3
4
1
2
3
4
24 V
8.4 m
W @ 10 V
RDS(on) TYP
65 A
ID MAX
V(BR)DSS
PIN ASSIGNMENT
PIN
1
FUNCTION
Gate
2
Drain
3
Source
4
Drain
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION


Similar Part No. - P65N02RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P65NF06 STMICROELECTRONICS-P65NF06 Datasheet
335Kb / 14P
N-channel 60V - 11.5m廓 - 60A - DPAK/TO-220 STripFET??II Power MOSFET
24-Jul-2006
More results

Similar Description - P65N02RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP60N06 ONSEMI-NTP60N06 Datasheet
85Kb / 10P
60 V, 60 A, N-Channel TO-220 and D2PAK
October, 2004 ??Rev. 3
NTP65N02R ONSEMI-NTP65N02R Datasheet
47Kb / 4P
Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
October, 2002 ??Rev. 0
NTB125N02R ONSEMI-NTB125N02R Datasheet
68Kb / 6P
Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
logo
STMicroelectronics
STB9NK60ZD STMICROELECTRONICS-STB9NK60ZD_08 Datasheet
416Kb / 16P
N-channel 600 V - 0.85 Ω - 7 A - D2PAK, TO-220FP, TO-220 SuperFREDMesh??Power MOSFET
14-Apr-2008
STB20NM50FD STMICROELECTRONICS-STB20NM50FD_08 Datasheet
403Kb / 16P
N-channel 500 V, 0.22 Ω, 20 A D2PAK, TO-220FP, TO-220 FDmesh??Power MOSFET
21-Apr-2008
STB180N10F3 STMICROELECTRONICS-STB180N10F3 Datasheet
256Kb / 12P
N-channel 100 V, 4.0 m廓, 120 A STripFET??Power MOSFET D2PAK, TO-220
01-Aug-2008
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
03-Mar-2008
logo
ON Semiconductor
NTB125N02R ONSEMI-NTB125N02R_06 Datasheet
90Kb / 7P
Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
April, 2006 ??Rev. 7
logo
STMicroelectronics
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
N-channel 55 V, 0.0065 Ω, 80 A, TO-220, D2PAK, TO-247 STripFET™Power MOSFET
15-Apr-2009
STP76NF75 STMICROELECTRONICS-STP76NF75 Datasheet
771Kb / 15P
N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
14-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com