Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW95 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BYW95
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYW95 Datasheet(HTML) 5 Page - NXP Semiconductors

  BYW95 Datasheet HTML 1Page - NXP Semiconductors BYW95 Datasheet HTML 2Page - NXP Semiconductors BYW95 Datasheet HTML 3Page - NXP Semiconductors BYW95 Datasheet HTML 4Page - NXP Semiconductors BYW95 Datasheet HTML 5Page - NXP Semiconductors BYW95 Datasheet HTML 6Page - NXP Semiconductors BYW95 Datasheet HTML 7Page - NXP Semiconductors BYW95 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1996 Jun 07
5
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYW95 series
Tamb =65 °C; Rth j-a = 75 K/W.
VRRMmax during 1 −δ; curves include derating for Tj max at VRRM = 600 V.
Fig.5 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
16
4
0
8
10
10
1
10
10 2
10 3
10 4
MGC607
12
tp (ms)
–2
–1
I FRM
(A)
0.2
0.5
0.1
δ =
0.05
1.0
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
Fig.6
Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
handbook, halfpage
04
5
P
0
1
MGC611
2
3
4
2
(W)
2
IF(AV) (A)
2.5
1.57
1.42
a=3
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
Fig.7
Maximum permissible junction temperature
as a function of reverse voltage.
handbook, halfpage
0
200
400
800
200
0
MGC575
600
100
Tj
VR (V)
B
AC
( C)
o



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com