Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLSF302 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLSF302
Description  Quad 2?묲nput NOR Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF302 Datasheet(HTML) 2 Page - ON Semiconductor

  NLSF302 Datasheet HTML 1Page - ON Semiconductor NLSF302 Datasheet HTML 2Page - ON Semiconductor NLSF302 Datasheet HTML 3Page - ON Semiconductor NLSF302 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NLSF302
http://onsemi.com
2
Figure 1. LOGIC DIAGRAM
1
5
Y1
16
A1
1
B1
Y4
Y = A + B
3
Y2
4
A2
5
B2
9
Y3
7
A3
8
B3
13
10
A4
12
B4
13
14
15
16
56
7
8
9
10
11
12
B4
NC
A4
Y3
B1
NC
Y2
A2
NLSF302
MN Package
(Top View)
1
2
3
4
Figure 2. PIN ASSIGNMENT (QFN−16)
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
DC Supply Voltage
VCC
– 0.5 to + 7.0
V
DC Input Voltage
Vin
– 0.5 to + 7.0
V
DC Output Voltage
Vout
– 0.5 to VCC + 0.5
V
Input Diode Current
IIK
− 20
mA
Output Diode Current
IOK
± 20
mA
DC Output Current, per Pin
Iout
± 25
mA
DC Supply Current, VCC and GND Pins
ICC
± 50
mA
Power Dissipation in Still Air
PD
450
mW
Storage Temperature
Tstg
– 65 to + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress
ratings only. Functional operation above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
DC Supply Voltage
VCC
2.0
5.5
V
DC Input Voltage
Vin
0
5.5
V
DC Output Voltage
Vout
0
VCC
V
Operating Temperature
TA
−40
+85
°C
Input Rise and Fall Time
VCC = 3.3 V ± 0.3 V
VCC =5.0 V ± 0.5 V
tr, tf
0
0
100
20
ns/V
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com