Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLSF595 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLSF595
Description  Serial (SPI) Tri-Color LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF595 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLSF595 Datasheet HTML 3Page - ON Semiconductor NLSF595 Datasheet HTML 4Page - ON Semiconductor NLSF595 Datasheet HTML 5Page - ON Semiconductor NLSF595 Datasheet HTML 6Page - ON Semiconductor NLSF595 Datasheet HTML 7Page - ON Semiconductor NLSF595 Datasheet HTML 8Page - ON Semiconductor NLSF595 Datasheet HTML 9Page - ON Semiconductor NLSF595 Datasheet HTML 10Page - ON Semiconductor NLSF595 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NLSF595
http://onsemi.com
7
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
Symbol
Parameter
VCC
V
TA = 25°C
TA = − 40 to 85°C
TA = − 55 to 125°C
Unit
Typ
Limit
Limit
Limit
tsu
Setup Time, SI to SCK
3.3
5.0
3.5
3.0
3.5
3.0
3.5
3.0
ns
tsu(H)
Setup Time, SCK to RCK
3.3
5.0
8.0
5.0
8.5
5.0
8.5
5.0
ns
tsu(L)
Setup Time, SCLR to RCK
3.3
5.0
8.0
5.0
9.0
5.0
9.0
5.0
ns
th
Hold Time, SI to SCK
3.3
5.0
1.5
2.0
1.5
2.0
1.5
2.0
ns
th(L)
Hold Time, SCLR to RCK
3.3
5.0
0
0
0
0
1.0
1.0
ns
trec
Recovery Time, SCLR to SCK
3.3
5.0
3.0
2.5
3.0
2.5
3.0
2.5
ns
tw
Pulse Width, SCK or RCK
3.3
5.0
5.0
5.0
5.0
5.0
5.0
5.0
ns
tw(L)
Pulse Width, SCLR
3.3
5.0
5.0
5.0
5.0
5.0
5.0
5.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com