Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP112 Datasheet(PDF) 2 Page - ON Semiconductor

Part # TIP112
Description  Plastic Medium-Power Complementary Silicon Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP112 Datasheet(HTML) 2 Page - ON Semiconductor

  TIP112 Datasheet HTML 1Page - ON Semiconductor TIP112 Datasheet HTML 2Page - ON Semiconductor TIP112 Datasheet HTML 3Page - ON Semiconductor TIP112 Datasheet HTML 4Page - ON Semiconductor TIP112 Datasheet HTML 5Page - ON Semiconductor TIP112 Datasheet HTML 6Page - ON Semiconductor TIP112 Datasheet HTML 7Page - ON Semiconductor TIP112 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TIP110, TIP111, TIP112 (NPN); TIP115, TIP116, TIP117 (PNP)
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
TIP110,
TIP115
TIP111,
TIP116
TIP112,
TIP117
Unit
Collector−Emitter Voltage
VCEO
60
80
100
Vdc
Collector−Base Voltage
VCB
60
80
100
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
− Peak
IC
2.0
4.0
Adc
Base Current
IB
50
mAdc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
50
0.4
W
W/
_C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
2.0
0.016
W
W/
_C
Unclamped Inductive Load Energy − Figure 13
E
25
mJ
Operating and Storage Junction
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
2.5
_C/W
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
_C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ORDERING INFORMATION
Device
Package
Shipping
TIP110
TO−220
50 Units / Rail
TIP110G
TO−220
(Pb−Free)
50 Units / Rail
TIP111
TO−220
50 Units / Rail
TIP111G
TO−220
(Pb−Free)
50 Units / Rail
TIP112
TO−220
50 Units / Rail
TIP112G
TO−220
(Pb−Free)
50 Units / Rail
TIP115
TO−220
50 Units / Rail
TIP115G
TO−220
(Pb−Free)
50 Units / Rail
TIP116
TO−220
50 Units / Rail
TIP116G
TO−220
(Pb−Free)
50 Units / Rail
TIP117
TO−220
50 Units / Rail
TIP117G
TO−220
(Pb−Free)
50 Units / Rail



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com