Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL494CD Datasheet(PDF) 3 Page - ON Semiconductor

Part # TL494CD
Description  SWITCHMODE TM Pulse Width Modulation Control Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494CD Datasheet(HTML) 3 Page - ON Semiconductor

  TL494CD Datasheet HTML 1Page - ON Semiconductor TL494CD Datasheet HTML 2Page - ON Semiconductor TL494CD Datasheet HTML 3Page - ON Semiconductor TL494CD Datasheet HTML 4Page - ON Semiconductor TL494CD Datasheet HTML 5Page - ON Semiconductor TL494CD Datasheet HTML 6Page - ON Semiconductor TL494CD Datasheet HTML 7Page - ON Semiconductor TL494CD Datasheet HTML 8Page - ON Semiconductor TL494CD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TL494, NCV494
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = 15 V, CT = 0.01 mF, RT = 12 kW, unless otherwise noted.)
For typical values TA = 25°C, for min/max values TA is the operating ambient temperature range that applies, unless otherwise noted.
Characteristics
Symbol
Min
Typ
Max
Unit
ERROR AMPLIFIER SECTION
Input Offset Voltage (VO (Pin 3) = 2.5 V)
VIO
−
2.0
10
mV
Input Offset Current (VO (Pin 3) = 2.5 V)
IIO
−
5.0
250
nA
Input Bias Current (VO (Pin 3) = 2.5 V)
IIB
−
−0.1
−1.0
mA
Input Common Mode Voltage Range (VCC = 40 V, TA = 25°C)
VICR
−0.3 to VCC−2.0
V
Open Loop Voltage Gain (
DVO = 3.0 V, VO = 0.5 V to 3.5 V, RL = 2.0 kW)
AVOL
70
95
−
dB
Unity−Gain Crossover Frequency (VO = 0.5 V to 3.5 V, RL = 2.0 kW)
fC−
−
350
−
kHz
Phase Margin at Unity−Gain (VO = 0.5 V to 3.5 V, RL = 2.0 kW)
fm
−
65
−
deg.
Common Mode Rejection Ratio (VCC = 40 V)
CMRR
65
90
−
dB
Power Supply Rejection Ratio (
DVCC = 33 V, VO = 2.5 V, RL = 2.0 kW)
PSRR
−
100
−
dB
Output Sink Current (VO (Pin 3) = 0.7 V)
IO−
0.3
0.7
−
mA
Output Source Current (VO (Pin 3) = 3.5 V)
IO+
2.0
−4.0
−
mA
PWM COMPARATOR SECTION (Test Circuit Figure 11)
Input Threshold Voltage (Zero Duty Cycle)
VTH
−
2.5
4.5
V
Input Sink Current (V(Pin 3) = 0.7 V)
II−
0.3
0.7
−
mA
DEADTIME CONTROL SECTION (Test Circuit Figure 11)
Input Bias Current (Pin 4) (VPin 4 = 0 V to 5.25 V)
IIB (DT)
−
−2.0
−10
mA
Maximum Duty Cycle, Each Output, Push−Pull Mode
(VPin 4 = 0 V, CT = 0.01 mF, RT = 12 kW)
(VPin 4 = 0 V, CT = 0.001 mF, RT = 30 kW)
DCmax
45
−
48
45
50
50
%
Input Threshold Voltage (Pin 4)
(Zero Duty Cycle)
(Maximum Duty Cycle)
Vth
−
0
2.8
−
3.3
−
V
OSCILLATOR SECTION
Frequency (CT = 0.001 mF, RT = 30 kW)
fosc
−
40
−
kHz
Standard Deviation of Frequency* (CT = 0.001 mF, RT = 30 kW)
sfosc
−
3.0
−
%
Frequency Change with Voltage (VCC = 7.0 V to 40 V, TA = 25°C)
Dfosc (DV)
−
0.1
−
%
Frequency Change with Temperature (
DTA = Tlow to Thigh)
(CT = 0.01 mF, RT = 12 kW)
Dfosc (DT)
−
−
12
%
UNDERVOLTAGE LOCKOUT SECTION
Turn−On Threshold (VCC increasing, Iref = 1.0 mA)
Vth
5.5
6.43
7.0
V
TOTAL DEVICE
Standby Supply Current (Pin 6 at Vref, All other inputs and outputs open)
(VCC = 15 V)
(VCC = 40 V)
ICC
−
−
5.5
7.0
10
15
mA
Average Supply Current
(CT = 0.01 mF, RT = 12 kW, V(Pin 4) = 2.0 V)
(VCC = 15 V) (See Figure 12)
−
7.0
−
mA
* Standard deviation is a measure of the statistical distribution about the mean as derived from the formula,
s
N
n = 1
S (Xn − X)2
N − 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com