Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP147 Datasheet(PDF) 5 Page - ON Semiconductor

Part # TIP147
Description  Darlington Complementary Silicon Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP147 Datasheet(HTML) 5 Page - ON Semiconductor

  TIP147 Datasheet HTML 1Page - ON Semiconductor TIP147 Datasheet HTML 2Page - ON Semiconductor TIP147 Datasheet HTML 3Page - ON Semiconductor TIP147 Datasheet HTML 4Page - ON Semiconductor TIP147 Datasheet HTML 5Page - ON Semiconductor TIP147 Datasheet HTML 6Page - ON Semiconductor TIP147 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TIP140, TIP141, TIP142, (NPN); TIP145, TIP146, TIP147, (PNP)
http://onsemi.com
5
ACTIVE−REGION SAFE OPERATING AREA
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 6 is based on TJ(pk) = 150_C; TC is
variable
depending
on
conditions.
At
high
case
temperatures, thermal limitations will reduce the power that
can be handled to values less than the limitations imposed by
second breakdown.
SECONDARY BREAKDOWN LIMIT
BONDING WIRE LIMIT
THERMAL LIMITATION @ TC = 25°C
Figure 6. Active−Region Safe Operating Area
dc
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
2.0
10
10
0.2
5.0
20
1.0
20
TJ = 150°C
50
30
TIP140, 145
3.0
7.0
15
70
100
TIP141, 146
TIP142, 147
15
10
1.0
2.0
5.0
7.0
Figure 7. Unclamped Inductive Load
L, UNCLAMPED INDUCTIVE LOAD (mH)
0.5
1.0
2.0
5.0
10
20
50
100
100 mJ
INPUT
MPS−U52
50
50
RBB1
1.5k
RBB2
= 100
VBB2 = 0
VBB1 = 10 V
TUT
VCE MONITOR
100 mH
VCC = 20 V
IC
MONITOR
RS = 0.1
TEST CIRCUIT
NOTE 1: Input pulse width is increased until ICM = 1.42 A.
NOTE 2: For NPN test circuit reverse polarities.
INPUT
VOLTAGE
COLLECTOR
CURRENT
1.42 A
VCE(sat)
−20 V
COLLECTOR
VOLTAGE
V(BR)CER
w
≈ 7.0 ms (SEE NOTE 1)
5.0 V
0
100 ms
0
VOLTAGE AND CURRENT WAVEFORMS
Figure 8. Inductive Load



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com