Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP147G Datasheet(PDF) 4 Page - ON Semiconductor

Part # TIP147G
Description  Darlington Complementary Silicon Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP147G Datasheet(HTML) 4 Page - ON Semiconductor

  TIP147G Datasheet HTML 1Page - ON Semiconductor TIP147G Datasheet HTML 2Page - ON Semiconductor TIP147G Datasheet HTML 3Page - ON Semiconductor TIP147G Datasheet HTML 4Page - ON Semiconductor TIP147G Datasheet HTML 5Page - ON Semiconductor TIP147G Datasheet HTML 6Page - ON Semiconductor TIP147G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIP140, TIP141, TIP142, (NPN); TIP145, TIP146, TIP147, (PNP)
http://onsemi.com
4
5000
0.5
Figure 3. DC Current Gain versus Collector Current
IC, COLLECTOR CURRENT (AMPS)
300
1.0
2.0
3.0
5.0
7.0
10
500
VCE = 4.0 V
4.0
NPN
TIP140, TIP141, TIP142
PNP
TIP145, TIP146, TIP147
Figure 4. Collector−Emitter Saturation Voltage
5.0
−75
TJ, JUNCTION TEMPERATURE (°C)
0.5
IC = 10 A, IB = 4.0 mA
2.0
3.0
4.0
−75
TJ, JUNCTION TEMPERATURE (°C)
−25
25
75
175
3.6
3.2
2.8
2.4
0.8
Figure 5. Base−Emitter Voltage
2000
1000
TJ = 150°C
25
°C
−55
°C
IC, COLLECTOR CURRENT (AMPS)
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
125
20,000
1000
2000
3000
5000
10,000
7000
1.0
0.7
0.5
0.5
1.0
2.0
3.0
5.0
7.0
10
4.0
0.7
−50
−25
0
25
50
75
100
125
150
175
5.0
−75
2.0
3.0
1.0
0.7
−50
−25
0
25
50
75
100
125
150
175
2.0
1.6
1.2
4.0
−75
−25
25
75
175
3.6
3.2
2.8
2.4
0.8
125
2.0
1.6
1.2
100
°C
TJ = 150°C
100
°C
25
°C
−55
°C
VCE = 4.0 V
IC = 5.0 A, IB = 10 mA
IC = 1.0 A, IB = 2.0 mA
IC = 10 A, IB = 4.0 mA
IC = 5.0 A, IB = 10 mA
IC = 1.0 A, IB = 2.0 mA
VCE = 4.0 V
IC = 10 A
5.0 A
1.0 A
VCE = 4.0 V
IC = 10 A
5.0 A
1.0 A
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com