Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E101JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E101JC
Description  QUAD 4-INPUT OR/NOR GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E101JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E101JC Datasheet HTML 1Page - Micrel Semiconductor SY10E101JC Datasheet HTML 2Page - Micrel Semiconductor SY10E101JC Datasheet HTML 3Page - Micrel Semiconductor SY10E101JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E101
SY100E101
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
AC ELECTRICAL CHARACTERISTICS(3)
VEE = VEE(Min.) to VEE(Max.); VCC = VCCO = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
tPD
Propagation Delay to
150
—
550
200
350
500
200
350
500
200
350
500
ps
Output D to Q
tskew
Within-Device Skew(1)
—50—
—50—
—50—
—50—
ps
Within-Gate Skew(2)
—25—
—25—
—25—
—25—
ps
tr
Rise/Fall Time
275
—
625
300
380
575
300
380
575
300
380
575
ps
tf
20% to 80%
DC ELECTRICAL CHARACTERISTICS(1)
VEE = VEE(Min.) to VEE(Max.); VCC = VCCO = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IIH
Input HIGH Current
—
—
150
—
—
150
—
—
150
—
—
150
µA
IEE
Power Supply Current
mA
10EL
—
30
36
—
30
36
—
30
36
—
30
36
100EL
—
30
36
—
30
36
—
30
36
—
35
42
Note:
1. Specification for packaged product only.
Qn = Dna + Dnb + Dnc + Dnd
LOGIC EQUATION
Notes:
1. Within-device skew is defined as identical transitions on similar paths through a device.
2. Within-gate skew is defined as the variation in propagation delays through a single gate when driven from its different inputs.
3. Specification for packaged product only.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com