Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ACLP Datasheet(PDF) 11 Page - ON Semiconductor

Part # TL431ACLP
Description  Programmable Precision References
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431ACLP Datasheet(HTML) 11 Page - ON Semiconductor

Back Button TL431ACLP Datasheet HTML 7Page - ON Semiconductor TL431ACLP Datasheet HTML 8Page - ON Semiconductor TL431ACLP Datasheet HTML 9Page - ON Semiconductor TL431ACLP Datasheet HTML 10Page - ON Semiconductor TL431ACLP Datasheet HTML 11Page - ON Semiconductor TL431ACLP Datasheet HTML 12Page - ON Semiconductor TL431ACLP Datasheet HTML 13Page - ON Semiconductor TL431ACLP Datasheet HTML 14Page - ON Semiconductor TL431ACLP Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TL431, A, B Series, NCV431A, B
http://onsemi.com
11
APPLICATIONS INFORMATION
The TL431 is a programmable precision reference which
is used in a variety of ways. It serves as a reference voltage
in circuits where a non−standard reference voltage is
needed. Other uses include feedback control for driving an
optocoupler in power supplies, voltage monitor, constant
current source, constant current sink and series pass
regulator. In each of these applications, it is critical to
maintain stability of the device at various operating currents
and load capacitances. In some cases the circuit designer can
estimate the stabilization capacitance from the stability
boundary conditions curve provided in Figure 15. However,
these typical curves only provide stability information at
specific cathode voltages and at a specific load condition.
Additional information is needed to determine the
capacitance needed to optimize phase margin or allow for
process variation.
A simplified model of the TL431 is shown in Figure 31.
When tested for stability boundaries, the load resistance is
150
W. The model reference input consists of an input
transistor and a dc emitter resistance connected to the device
anode. A dependent current source, Gm, develops a current
whose amplitude is determined by the difference between
the 1.78 V internal reference voltage source and the input
transistor emitter voltage. A portion of Gm flows through
compensation capacitance, CP2. The voltage across CP2
drives the output dependent current source, Go, which is
connected across the device cathode and anode.
Model component values are:
Vref = 1.78 V
Gm = 0.3 + 2.7 exp (−IC/26 mA)
where IC is the device cathode current and Gm is in mhos
Go = 1.25 (Vcp2) mmhos.
Resistor and capacitor typical values are shown on the
model. Process tolerances are
±20% for resistors, ±10% for
capacitors, and
±40% for transconductances.
An examination of the device model reveals the location
of circuit poles and zeroes:
P1
+
1
2
p R
GM
C
P1
+
1
2
p * 1.0 M * 20 pF
+ 7.96 kHz
P2
+
1
2
p R
P2
C
P2
+
1
2
p *10 M *0.265 pF
+ 60 kHz
Z1
+
1
2
p R
Z1
C
P1
+
1
2
p *15.9 k *20 pF
+ 500 kHz
In addition, there is an external circuit pole defined by the
load:
P
L +
1
2
p R
L
C
L
Also, the transfer dc voltage gain of the TL431 is:
G
+ G
M
R
GM
GoR
L
Example 1:
I
C +
10 mA, R
L+
230
W,C
L+
0. Define the transfer gain .
The DC gain is:
G
+ G
M
R
GM
GoR
L +
(2.138)(1.0 M)(1.25
m)(230) + 615 + 56 dB
Loop gain
+ G
8.25 k
8.25 k
) 15 k +
218
+ 47 dB
The resulting transfer function Bode plot is shown in
Figure 32. The asymptotic plot may be expressed as the
following equation:
Av
+ 615
1
)
jf
500 kHz
1
)
jf
8.0 kHz
1
)
jf
60 kHz
The Bode plot shows a unity gain crossover frequency of
approximately 600 kHz. The phase margin, calculated from
the equation, would be 55.9 degrees. This model matches the
Open−Loop Bode Plot of Figure 12. The total loop would
have a unity gain frequency of about 300 kHz with a phase
margin of about 44 degrees.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com