Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYX101 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYX101
Description  High-voltage soft-recovery controlled avalanche rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYX101 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYX101 Datasheet HTML 1Page - NXP Semiconductors BYX101 Datasheet HTML 2Page - NXP Semiconductors BYX101 Datasheet HTML 3Page - NXP Semiconductors BYX101 Datasheet HTML 4Page - NXP Semiconductors BYX101 Datasheet HTML 5Page - NXP Semiconductors BYX101 Datasheet HTML 6Page - NXP Semiconductors BYX101 Datasheet HTML 7Page - NXP Semiconductors BYX101 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2000 Jan 13
2
Philips Semiconductors
Product specification
High-voltage soft-recovery
controlled avalanche rectifiers
BYX101G; BYX102G;
BYX103G; BYX104G
FEATURES
• Glass passivated
• High maximum operating temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy absorption capability
• Recovery times ranging from 600 to 50 ns
• Soft-recovery switching characteristics
• Compact construction.
APPLICATIONS
• High-voltage power supply units in, for example, X-ray
or radar systems.
DESCRIPTION
Rugged glass package, using a high temperature alloyed
construction.
This package is hermetically sealed and fatigue free as
coefficients of expansion of all used parts are matched.
The package is designed to be used in an insulating
medium such as resin, oil or SF6 gas.
MARKING
TYPE NUMBER
CATHODE BAND
BYX101G
black
BYX102G
red
BYX103G
green
BYX104G
violet
handbook, halfpage
MSB026
a
k
Fig.1 Simplified outline (SOD88A) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
−
10
kV
VRW
working reverse voltage
−
9kV
IF(AV)
average forward current
averaged over any 20 ms period;
Toil =25 °C
BYX101G
−
400
mA
BYX102G
−
360
mA
BYX103G
−
310
mA
BYX104G
−
225
mA
average forward current
averaged over any 20 ms period;
Toil =70 °C
BYX101G
−
285
mA
BYX102G
−
255
mA
BYX103G
−
220
mA
BYX104G
−
160
mA
IFSM
non-repetitive peak forward current
t = 10 ms; half sinewave;
Tj =45 °C prior to surge
BYX101G
−
20
A
BYX102G
−
15
A
BYX103G
−
14
A
BYX104G
−
14
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com