Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E196 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY10E196
Description  PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E196 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY10E196 Datasheet HTML 2Page - Micrel Semiconductor SY10E196 Datasheet HTML 3Page - Micrel Semiconductor SY10E196 Datasheet HTML 4Page - Micrel Semiconductor SY10E196 Datasheet HTML 5Page - Micrel Semiconductor SY10E196 Datasheet HTML 6Page - Micrel Semiconductor SY10E196 Datasheet HTML 7Page - Micrel Semiconductor SY10E196 Datasheet HTML 8Page - Micrel Semiconductor SY10E196 Datasheet HTML 9Page - Micrel Semiconductor SY10E196 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Precision Edge®
SY10E196
SY100E196
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
delays (1111111 on the A0–A6 address bus), D7 will be
asserted to signal the need to cascade the delay to the
next E196 device. When D7 is asserted, the SET MIN
pin of chip #2 will be de-asserted and the delay will be
controlled by the A0–A6 address bus. Chip #1, on the
other hand, will have its SET MAX pin asserted, resulting
in the device delay to be independent of the A0–A6
address bus.
When the SET MAX pin of chip #1 is asserted, the D0
and D1 latches will be reset, while the rest of the latches
will be set.
In addition, to maintain monotonicity, an
additional gate delay is selected in the cascade circuitry.
As a result, when D7 of chip #1 is asserted, the delay
increases from 31.75 gates to 32 gates. A 32-gate delay
is the maximum delay setting for the E196.
When cascading multiple PDCs, it will prove more cost-
effective to use a single E196 for the MSB of the chain,
while using E195 for the lower order bits. This is due to
the fact that only one fine tune input is needed to further
reduce the delay step resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com