Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10E175JZ Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E175JZ
Description  9-BIT LATCH WITH PARITY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E175JZ Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E175JZ Datasheet HTML 1Page - Micrel Semiconductor SY10E175JZ Datasheet HTML 2Page - Micrel Semiconductor SY10E175JZ Datasheet HTML 3Page - Micrel Semiconductor SY10E175JZ Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E175
SY100E175
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
Note:
1. Within-device skew is defined as identical transitions on similar paths
through a device.
TRUTH TABLE
D
LEN
MR
Q
ODDPAR
H
L
L
H
H if odd no. of Dn HIGH
LLLL
H if odd no. of Dn HIGH
XH
L
Q0
Q0
XX
H
L
L
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
tPD
Propagation Delay to Output
ps
—
D to Q
450
600
800
450
600
800
450
600
800
D to ODDPAR
850
1150
1450
850
1150
1450
850
1150
1450
LEN to Q
525
700
900
525
700
900
525
700
900
LEN to ODDPAR
525
700
900
525
700
900
525
700
900
MR to Q (tPHL)
525
700
900
525
700
900
525
700
900
MR to ODDPAR (tPHL)
525
700
900
525
700
900
525
700
900
tS
Set-up Time
ps
—
D (Q)
275
100
—
275
——
275
——
D (ODDPAR)
900
700
—
900
——
900
——
tH
Hold Time
ps
—
D (Q)
175
–100
—
175
——
175
——
D (ODDPAR)
–300
–700
—–300
——
–300
——
tRR
Reset Recovery Time
850
600
—
850
600
—
850
600
—
ps
—
tskew
Within-Device Skew
ps
1
LEN, MR
—
75
——
75
——
75
—
D to Q
—
75
——
75
——
75
—
D to ODDPAR
—
200
——
200
——
200
—
tr
Rise/Fall Times
300
500
800
300
500
800
300
500
800
ps
—
tf
20–80%
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
IEE
Power Supply Current
mA
—
10E
—
110
132
—
110
132
—
110
132
100E
—
110
132
—
110
132
—
127
152
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com