Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 7Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 8Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 9Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 10Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 12Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 143 page
background image
11
AT89C51AC3
4383B–8051–01/05
SFR Mapping
The Special Function Registers (SFRs) of the AT89C51AC3 fall into the following
categories:
Mnemonic
Add Name
765
432
10
ACC
E0h Accumulator
–––
–––
––
B
F0h B Register
–––
–––
––
PSW
D0h Program Status Word
CY
AC
F0
RS1
RS0
OV
F1
P
SP
81h Stack Pointer
–––
–––
––
DPL
82h
Data Pointer Low
byte
LSB of DPTR
–––
–––
––
DPH
83h
Data Pointer High
byte
MSB of DPTR
–––
–––
––
Mnemonic
Add Name
765
432
10
P0
80h Port 0
–––
–––
––
P1
90h Port 1
–––
–––
––
P2
A0h Port 2
–––
–––
––
P3
B0h Port 3
–––
–––
––
P4
C0h Port 4 (x5)
–
–
–
P4.4 /
MOSI
P4.3 /
SCK
P4.2 /
MISO
P4.1
P4.0
Mnemonic
Add Name
765
432
10
TH0
8Ch
Timer/Counter 0 High
byte
–––
–––
––
TL0
8Ah
Timer/Counter 0 Low
byte
–––
–––
––
TH1
8Dh
Timer/Counter 1 High
byte
–––
–––
––
TL1
8Bh
Timer/Counter 1 Low
byte
–––
–––
––
TH2
CDh
Timer/Counter 2 High
byte
–––
–––
––
TL2
CCh
Timer/Counter 2 Low
byte
–––
–––
––
TCON
88h
Timer/Counter 0 and
1 control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and
1 Modes
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com