Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP-155B4JDRAH Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # LCP-155B4JDRAH
Description  RoHS Compliant SFP Transceiver for ATM, SONET OC-3/SDH STM-1 with Digital Diagnostic Monitoring Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LCP-155B4JDRAH Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button LCP-155B4JDRAH Datasheet HTML 5Page - Delta Electronics, Inc. LCP-155B4JDRAH Datasheet HTML 6Page - Delta Electronics, Inc. LCP-155B4JDRAH Datasheet HTML 7Page - Delta Electronics, Inc. LCP-155B4JDRAH Datasheet HTML 8Page - Delta Electronics, Inc. LCP-155B4JDRAH Datasheet HTML 9Page - Delta Electronics, Inc. LCP-155B4JDRAH Datasheet HTML 10Page - Delta Electronics, Inc. LCP-155B4JDRAH Datasheet HTML 11Page - Delta Electronics, Inc. LCP-155B4JDRAH Datasheet HTML 12Page - Delta Electronics, Inc. LCP-155B4JDRAH Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DELTA ELECTRONICS, INC.
10
Nov., 2006
Rev. 0B
www.deltaww.com
EEPROM Serial ID Memory Contents (2-Wire Address A0h)
Address
Hex
ASCII
Address
Hex
ASCII
Address
Hex
ASCII
00
03
43
PN
86
DC
01
04
44
PN
87
DC
02
07
45
PN
88
DC
03
00
Note 1
46
PN
89
DC
04
xx
47
PN
90
DC
05
xx
48
PN
91
DC
06
xx
49
PN
92
68
07
00
50
PN
93
B0
08
00
51
PN
94
02
09
00
52
PN
95
CS2
Note 9
10
00
53
PN
96
00
11
03
54
PN
97
00
12
02
55
PN
98
00
13
00
56
30
99
00
14
xx
Note 2
57
30
100
00
15
xx
Note 3
58
30
101
00
16
00
59
0A
102
00
17
00
60
CW
Note 5
103
00
18
00
61
CW
Note 5
104
00
19
00
62
00
105
00
20
44
D
63
CS1
Note 6
106
00
21
45
E
64
00
107
00
22
4C
L
65
1A
108
00
23
54
T
66
05
109
00
24
41
A
67
05
110
00
25
20
68
SN
Note 7
111
00
26
20
69
SN
112
00
27
20
70
SN
113
00
28
20
71
SN
114
00
29
20
72
SN
115
00
30
20
73
SN
116
00
31
20
74
SN
117
00
32
20
75
SN
118
00
33
20
76
SN
119
00
34
20
77
SN
120
00
35
20
78
SN
121
00
36
00
79
SN
122
00
37
00
80
SN
123
00
38
00
81
SN
124
00
39
00
82
SN
125
00
40
PN
Note 4
83
SN
126
00
41
PN
84
DC
Note 8
127
00
42
PN
85
DC
128
00
Note 10
Notes:
1) Byte 3~10: Code for electronic compatibility or optical compatibility.
2) Byte 14:Transmission distance in km
3) Byte 15: Transmission distance in 100m, distance >25.5km: FFh
4) Byte 40-55: Delta part number
5) Byte 60-61: The center wavelength of transmitter
6) Byte 63: Check sum of bytes 0-62.
7) Byte 68-83: Serial number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com