Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3940KLP Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3940KLP
Description  FULL-BRIDGE POWER MOSFET CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3940KLP Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3940KLP Datasheet HTML 1Page - Allegro MicroSystems A3940KLP Datasheet HTML 2Page - Allegro MicroSystems A3940KLP Datasheet HTML 3Page - Allegro MicroSystems A3940KLP Datasheet HTML 4Page - Allegro MicroSystems A3940KLP Datasheet HTML 5Page - Allegro MicroSystems A3940KLP Datasheet HTML 6Page - Allegro MicroSystems A3940KLP Datasheet HTML 7Page - Allegro MicroSystems A3940KLP Datasheet HTML 8Page - Allegro MicroSystems A3940KLP Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3940
FULL-BRIDGE POWER
MOSFET CONTROLLER
www.allegromicro.com
5
Continued next page …
ELECTRICAL CHARACTERISTICS: unless otherwise noted at TA= -40°C to +135°C, TJ = -40°C to +150°C,
VIN ≤≤≤≤≤ VBB = 7 V to 40 V, Cp = 0.47 µF, Cr = 1 µF, CREG5 = 0.1 µF, CREG13 = 10 µF, CBOOT = 0.1 µF, PWM = 22.5 kHz
square wave.
Limits
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Control Logic
Logic Input Voltage
V
IN(1)
HIGH level input (Logic 1), except RESET.
2.0
–
–
V
V
IN(1)
HIGH level input (Logic 1) for RESET
2.2
–
–
V
V
IN(0)
LOW level input (Logic 0)
–
–
0.8
V
Logic Input Current
I
IN(1)
V
IN = 2.0 V
–
40
100
µA
I
IN(0)
V
IN = 0.8 V, except RESET(0)
–
16
40
µA
I
IN(0)
V
IN = 0.8 V, RESET(0)
–
–
1.0
µA
Gate Drives, GHx, GLx ( internal SOURCE or upper switch stages)
Output High Voltage
V
DSL(H)
GHx: I
xU = -10 mA, Vsx = 0
V
REG13 - 2.2
–
V
REG13
V
GLx: I
xU = -10 mA, Vlss = 0
V
REG13 - 0.2
–
V
REG13
V
Source Current (pulsed)
I
xU
V
SDU = 10 V, TJ = 25°C
–
700
–
mA
V
SDU = 10 V, TJ = 135°C
400
–
–
mA
Source ON Resistance
r
SDU(on)
I
xU = -150 mA, TJ = 25°C
4.0
–
13
Ω
I
xU = -150 mA, TJ = 135°C
7.0
–
23
Ω
Source Load Rise Time
t
r
Measure V
DSL, 20% to 80%, CL = 3300 pF
–
90
–
ns
Gate Drives, GHx, GLx ( internal SINK or lower switch stages)
Output Low Voltage
V
DSL(L)
GHx: I
xL = 10 mA, Vsx = 0
–
–
150
mV
GLx: I
xL = 10 mA, Vlss = 0
–
–
150
mV
Sink Current (pulsed)
I
xL
V
DSL = 10 V, TJ = 25°C
–
800
–
mA
V
DSL = 10 V, TJ = 135°C
550
–
–
mA
Sink ON Resistance
r
DSL(on)
I
xL = +150 mA, TJ = 25°C
1.8
–
6.0
Ω
I
xL = +150 mA, TJ = 135°C
3.0
–
7.5
Ω
Sink Load Fall Time
t
f
Measure V
DSL, 80% to 20%, CL = 3300 pF
–
70
–
ns
Gate Drives, GHx, GLx (General)
Propagation Delay
t
pd
Logic input to unloaded GHx, GLx
–
–
225
ns
Output Skew Time
t
sk(o)
Grouped by rising or falling edge
–
–
50
ns
Dead Time
t
dead
LONG = 0, R
DEAD = 12.1 kΩ (IDEAD = 167 µA)
0.3
–
–
µs
(Shoot-Through Prevention)
LONG = 0, R
DEAD = 499 kΩ (IDEAD = 4 µA)
–
–
11.0
µs
Between GHx, GLx transitions
LONG = 1, R
DEAD = 12.1 kΩ (IDEAD = 167 µA)
8.3
–
–
µs
of same phase
LONG = 1, R
DEAD = 499 kΩ (IDEAD = 4 µA)
–
–
345
µs
NOTES:
Typical Data is for design information only.
Negative current is defined as coming out of (sourcing) the specified device terminal.
For GH
X: VSDU = VCX – VGHX, VDSL = VGHX – VSX, VDSL(H) = VCX – VSDU – VSX.
For GL
X: VSDU = VREG – VGLX, VDSL = VGLX – VLSS, VDSL(H) = VREG – VSDU – VLSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com