Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPFC Datasheet(PDF) 2 Page - NARADA POWER SOURCE CO.,LTD.

Part # NPFC
Description  stored energy solutions for a demanding world
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NARADA [NARADA POWER SOURCE CO.,LTD.]
Direct Link  https://en.naradapower.com/
Logo NARADA - NARADA POWER SOURCE CO.,LTD.

NPFC Datasheet(HTML) 2 Page - NARADA POWER SOURCE CO.,LTD.

  NPFC Datasheet HTML 1Page - NARADA POWER SOURCE CO.,LTD. NPFC Datasheet HTML 2Page - NARADA POWER SOURCE CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model:
stored energy solutions for a demanding world
NPFC Series
.
NARADA ASIA PACIFIC PTE.LTD.
65 Ubi Crescent
Hola centre, Singapore
Tel: +65-6848 1191 Fax: +65-6749 3498
E-mail: sales@narada.com.sg
#07-05
NARADA EUROPE (UK) LIMITED
Spectrum House, Dunstable Road, Redbourn,
St. Albans, Herts AL3 7PR
Tel: +44 (0)845 371 7095 Fax:+44 (0)845 612 2031
E-mail: sales@naradaeurope.com
NARADA POWER SOURCE CO.,LTD.
Performance Curves
o
o
Constant Current Discharge Characteristics (25 C,77 F)
o
o
Discharge Data with Constant Power (25 C,77 F)
0.1C
0.15C
0.2C
0.25C
0.3C
0.4C
0.5C
0.6C
0.8C
46.5
9.56
6.35
4.75
3.78
3.12
2.29
1.79
1.45
1.02
45.0
9.76
6.49
4.85
3.87
3.21
2.39
1.89
1.57
1.15
43.5
9.89
6.58
4.92
3.92
3.25
2.42
1.93
1.60
1.19
42.0
9.98
6.64
4.96
3.96
3.29
2.45
1.94
1.61
1.21
40.5
10.04
6.68
5.00
3.99
3.31
2.46
1.96
1.63
1.22
39.0
10.08
6.70
5.02
4.01
3.33
2.48
1.97
1.64
1.22
Current(A)
End voltage
Time
Hours
450W
900W
1350W
1800W
2250W
2700W
3150W
46.5
10.35
5.11
3.36
2.46
1.92
1.53
1.27
45.0
10.55
5.22
3.45
2.55
2.02
1.66
1.40
43.5
10.66
5.28
3.49
2.58
2.06
1.69
1.43
42.0
10.75
5.32
3.52
2.61
2.07
1.70
1.45
40.5
10.79
5.35
3.54
2.62
2.09
1.72
1.46
39.0
10.82
5.37
3.55
2.63
2.09
1.73
1.47
Power
End voltage
Time
Hours
48NPFC100 (19") Wh capacity at different at constant power rate
48NPFC100 (19") backup time at different constant power rate
48NPFC100 (19")
Building A, No.822 Wen'er West Road, Hangzhou, Zhejiang, China
Tel: +86-571-56975980
Fax: +86-571-56975955
Website: en.naradapower.com E -mail: intl@narada.biz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com