Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JL682A Datasheet(PDF) 2 Page - Router-switch Ltd.

Part # JL682A
Description  JL685A is an Aruba Instant On 1930 48G 4SFP/SFP Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROUTER-SWITCH [Router-switch Ltd.]
Direct Link  https://www.router-switch.com/
Logo ROUTER-SWITCH - Router-switch Ltd.

JL682A Datasheet(HTML) 2 Page - Router-switch Ltd.

  JL682A Datasheet HTML 1Page - Router-switch Ltd. JL682A Datasheet HTML 2Page - Router-switch Ltd. JL682A Datasheet HTML 3Page - Router-switch Ltd. JL682A Datasheet HTML 4Page - Router-switch Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Figure 3 shows the back panel ofJL685A.
Aruba Instant On 1930 switches provide these key features:
(1) Smart-managed layer 2+ Ethernet switch series ready to deploy in 8-, 24- and 48-port for non-PoE and Class 4 PoE (i.e. PoE+) models
(2) PoE to power APs and IoT devices like IP phones, surveillance cameras and door locks
(3) Two dedicated 1G SFP fiber ports on 8-port models, and four dedicated 1G/10G SFP+ fiber ports on 24-/48-port models to eliminate traffic bottlenecks across
your network
(4) Security controls let you define access in each area of your network, keeping your business data safe
(5) Convenient mobile app and web-based GUI for set up, management and troubleshooting
Supported Transceivers
Table 2 shows the recommended transceivers.
Model
Description
J4858D
Aruba 1G SFP LC SX 500m MMF XCVR (5 Units)
J4859D
Aruba 1G SFP LC LX 10km SMF Transceivers (5 Units)
J8177D
Aruba 1G SFP RJ45 T 100m Cat5e XCVR (5 Units)
J9150D
Aruba 10G SFP+ LC SR 300m MMF XCVR:Aruba Aruba Campus Transceivers
J9281D
Aruba 10G SFP+ to SFP+ 1m DAC Cable
J9283D
Aruba 10G SFP+ to SFP+ 3m DAC Cable
Compare to Similar Items
Table 3 shows the comparison.
Model
Description
Gig Ports
Uplink Ports
Class 4 PoE
JL680A
Aruba Instant On 1930 8G 2SFP Switch
8
2 SFP
–
JL681A
Aruba Instant On 1930 8G Class4 PoE 2SFP
124W Switch
8
2 SFP
124W
JL682A
Aruba Instant On 1930 24G 4SFP/SFP+ Switch
24
4 SFP/SFP+
–
JL683A
Aruba Instant On 1930 24G Class4 PoE
4SFP/SFP+ 195W Switch
24
4 SFP/SFP+
195W
JL684A
Aruba Instant On 1930 24G Class4 PoE
4SFP/SFP+ 370W Switch
24
4 SFP/SFP+
370W
JL685A
Aruba Instant On 1930 48G 4SFP/SFP+ Switch
48
4 SFP/SFP+
–
JL686A
Aruba Instant On 1930 48G Class4 PoE
4SFP/SFP+ 370W Switch
48
4 SFP/SFP+
370W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com