Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07D301KJ Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # 07D301KJ
Description  Radial Lead Varistor (MOV)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

07D301KJ Datasheet(HTML) 2 Page - UN Semiconducctor INC

  07D301KJ Datasheet HTML 1Page - UN Semiconducctor INC 07D301KJ Datasheet HTML 2Page - UN Semiconducctor INC 07D301KJ Datasheet HTML 3Page - UN Semiconducctor INC 07D301KJ Datasheet HTML 4Page - UN Semiconducctor INC 07D301KJ Datasheet HTML 5Page - UN Semiconducctor INC 07D301KJ Datasheet HTML 6Page - UN Semiconducctor INC 07D301KJ Datasheet HTML 7Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Radial Lead Varistor (MOV)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
Electrical Characteristics (@ 25℃ Unless Otherwise Specified )
2/6
07D180L
07D220K
07D270K
07D330K
07D390K
07D470K
07D560K
07D680K
07D820K
07D101K
07D121K
07D151K
07D181K
07D201K
07D221K
07D241K
07D271K
07D301K
07D331K
07D361K
07D391K
07D431K
07D471K
07D511K
07D561K
07D621K
07D681K
07D751K
07D781K
07D821K
11
14
17
20
25
30
35
40
50
60
75
95
115
130
140
150
175
190
210
230
250
275
300
320
350
385
420
460
485
510
14
18
22
26
31
38
45
56
65
85
100
125
150
170
180
200
225
250
275
300
320
350
385
415
460
505
560
615
640
670
18(15.3-20.7)
22(19.8-24.2)
27(24.3-29.7)
33(29.7-36.3)
39(35.1-42.9)
47(42.3-51.7)
56(50.4-61.6)
68(61.2-74.8)
82(73.8-90.2)
100(90-110)
120(108-132)
150(135-165)
180(162-198)
200(185-225)
220(198-242)
240(216-264)
270(243-297)
300(270-330)
330(297-363)
360(324-396)
390(351-429)
430(387-473)
470(423-517)
510(459-561)
560(504-616)
620(558-682)
680(612-748)
750(675-825)
780(702-858)
820(738-902)
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.02
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
2.0
2.4
3.0
3.5
4.0
5.0
6.0
7.0
10.0
12.0
12.0
13.0
16.0
17.0
19.0
21.0
24.0
26.0
28.0
32.0
35.0
40.0
42.0
45.0
49.0
55.0
60.0
67.0
67.0
70.0
0.9
1.1
1.4
1.7
2.1
2.5
3.1
3.6
5.5
6.5
7.8
9.7
11.7
13.0
14.0
15.0
18.0
20.0
23.0
25.0
25.0
28.0
30.0
30.0
30.0
33.0
33.0
65.0
65.0
65.0
250
250
250
250
250
250
250
250
1200
1200
1200
1200
1200
1200
1200
1200
1200
1200
1200
1200
1200
1200
1200
1200
1200
1200
1200
1200
1200
1200
125
125
125
125
125
125
125
125
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
500
500
500
600
500
500
500
500
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
1750
250
250
250
250
250
250
250
250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
1250
36
43
53
65
77
93
110
135
165
165
200
250
300
340
360
395
455
505
550
595
650
710
775
845
920
1025
1120
1240
1290
1355
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
Part Number
07D180LJ
07D220KJ
07D270KJ
07D330KJ
07D390KJ
07D470KJ
07D560KJ
07D680KJ
07D820KJ
07D101KJ
07D121KJ
07D151KJ
07D181KJ
07D201KJ
07D221KJ
07D241KJ
07D271KJ
07D301KJ
07D331KJ
07D361KJ
07D391KJ
07D431KJ
07D471KJ
07D511KJ
07D561KJ
07D621KJ
07D681KJ
07D751KJ
07D781KJ
07D821KJ
Maximum
Allowable
Voltage
Rated
Power
Varistor
Voltage
V1mA
(V)
Withstanding
Surge Current
8/20μS
Max
Clamping
Voltage
VDC
(V)
VAC
(V)
VC
(V)
IP
(A)
(W)
Standard
High Surge
I(A)
Standard
I(A)
High Surge
(J)
Standard
(J)
High
Surge
Maximum
Energy
(10/1000μs)
1
time
2
times
1
time
2
times
07D Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com