Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10H607 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10H607
Description  REGISTERED HEX PECL-TO-TTL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H607 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10H607 Datasheet HTML 1Page - Micrel Semiconductor SY10H607 Datasheet HTML 2Page - Micrel Semiconductor SY10H607 Datasheet HTML 3Page - Micrel Semiconductor SY10H607 Datasheet HTML 4Page - Micrel Semiconductor SY10H607 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY10H607
SY100H607
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
Dn
MR
TCLK/CLK
Qn + 1
LL
Z
L
HL
Z
H
XH
X
L
TRUTH TABLE
Z = Low to High Transition.
TA= 0
°CTA= +25°CTA= + 85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
IEE
PECL Power Supply Current
mA
10H
—
70
85
—
70
85
—
70
85
100H
—
65
80
—
70
85
—
75
95
ICCL
TTL Supply Current
—
100
120
—
100
120
—
100
120
mA
ICCH
TTL Supply Current
—
100
120
—
100
120
—
100
120
mA
IOS
Output Short Circuit Current
–100
—–225
–100
—–225
–100
—–225
mA
VCCT = VCCE = 5.0V
±5%
DC ELECTRICAL CHARACTERISTICS
10H PECL DC ELECTRICAL CHARACTERISTICS(1)
VCCT = VCCE = 5.0V
±5%
TA= 0
°CTA= +25°CTA= + 85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
—
225
—
145
—
145
µA
IIL
Input LOW Current
0.5
—
0.5
—
0.5
—
µA
VIH
Input HIGH Voltage
3830
4160
3870
4190
3930
4280
mV
VCCT = 5.0V
VIL
Input LOW Voltage
3050
3520
3050
3520
3050
3555
mV
VCCT = 5.0V
VBB
Output Bias Voltage
3620
3730
3650
3750
3690
3810
mV
VCCT = 5.0V
Note:
1. PECL VIL, VIH, VOL, VOH, VBB are given for VCCT = VCCE = 5.0V and will vary 1:1 with power supply.
100H PECL DC ELECTRICAL CHARACTERISTICS(1)
VCCT = VCCE = 5.0V
±5%
TA= 0
°CTA= +25°CTA= + 85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
—
225
—
145
—
145
µA
IIL
Input LOW Current
0.5
—
0.5
—
0.5
—
µA
VIH
Input HIGH Voltage
3835
4120
3835
4120
3835
4120
mV
VCCT = 5.0V
VIL
Input LOW Voltage
3190
3525
3190
3525
3190
3525
mV
VCCT = 5.0V
VBB
Output Bias Voltage
3620
3740
3620
3740
3620
3740
mV
VCCT = 5.0V
Note:
1. PECL VIL, VIH, VOL, VOH, VBB are given for VCCT = VCCE = 5.0V and will vary 1:1 with power supply.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com