Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7BBC253 Datasheet(PDF) 1 Page - ABB

Part # 7BBC253
Description  DC Permanent Magnet Standard (BC253)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

7BBC253 Datasheet(HTML) 1 Page - ABB

  7BBC253 Datasheet HTML 1Page - ABB 7BBC253 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC Permanent Magnet Standard (BC253)
BC253
Global Commercial Alias
BC253
Product ID
7BBC253
ABB Type Designation
KBSC-4465,FORWARD-STOP-REVERSE SWIT
Catalog Description
DC Permanent Magnet Standard (BC253)
General Information
PRODUCT-DETAILS
Additional Information
KBSC-4465,FORWARD-STOP-REVERSE SWIT
ABB Type Designation
Baldor-Reliance
Brand / Label
BC253
Catalog Number
United States (US)
Country of Origin
8537109160
Customs Tariff Number
Undefined
Frame Size
BC253
Global Commercial Alias
0 in³
Gross Volume
0.25 lb
Gross Weight
KBSC-4465,FORWARD-STOP-REVERSE SWITCH (F
Invoice Description
No
Made To Order
DC Permanent Magnet Standard, (BC253)
Medium Description
1 piece
Minimum Order Quantity
1 piece
Order Multiple
DC Permanent Magnet Standard
Product Name
© 2023 ABB. All rights reserved.
Subject to change without notice
2023/10/26


Similar Part No. - 7BBC253

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
7BB-12-9 MURATA-7BB-12-9 Datasheet
1Mb / 35P
EMIFIL (Capacitor type) Single Circuit Type for Signal Lines
7BB-12-9 MURATA-7BB-12-9 Datasheet
180Kb / 2P
Piezoelectric Diaphragms
logo
Murata Manufacturing Co...
7BB-12-9 MURATA1-7BB-12-9 Datasheet
195Kb / 2P
Piezoelectric Diaphragms
12/26/2022
7BB-12-9 MURATA1-7BB-12-9 Datasheet
247Kb / 2P
Piezoelectric Diaphragms
03/11/2024
7BB-12-9 MURATA1-7BB-12-9_V01 Datasheet
195Kb / 2P
Piezoelectric Diaphragms
12/26/2022
More results

Similar Description - 7BBC253

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PIC-M0310 PIC-PIC-M0310 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0414 PIC-PIC-M0414 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0419 PIC-PIC-M0419 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0625 PIC-PIC-M0625 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0824 PIC-PIC-M0824 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M0830 PIC-PIC-M0830 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M1005 PIC-PIC-M1005 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M01707 PIC-PIC-M01707 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M02508 PIC-PIC-M02508 Datasheet
20Kb / 1P
Permanent Magnet
PIC-M301211 PIC-PIC-M301211 Datasheet
20Kb / 1P
Permanent Magnet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com