Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5804BD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5804BD
Description  738A ADEMCO™ INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5804BD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5804BD Datasheet HTML 1Page - List of Unclassifed Manufacturers 5804BD Datasheet HTML 2Page - List of Unclassifed Manufacturers 5804BD Datasheet HTML 3Page - List of Unclassifed Manufacturers 5804BD Datasheet HTML 4Page - List of Unclassifed Manufacturers 5804BD Datasheet HTML 5Page - List of Unclassifed Manufacturers 5804BD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
738A INSTALLATION GUIDE
|
DIGITAL MONITORING PRODUCTS
3ProgrammingOptions
Use this section for reference when programming the module.
INIT ALL?
NO YES
INITIALIZATION
Select
YES to reset all programming options to the factory default. Select NO to
maintain all programming options at their current settings.
BUS:
*KYPD
LX
PANEL BUS TYPE
Select the type of connection from the panel to the module. Choose either Keypad
Bus or LX‑Bus connection. Press the
CMD key to accept the selection. An asterisk
displays to the left of the bus type selected.
Note: If the 738A will be used on the keypad bus, ensure it is programmed as a
device in
Device Setup.
HOUSE ID:
01
HOUSE ID
Select a number from 01 to 31 for the House ID. Enter a leading zero for numbers
less than ten. The factory default is
01. The same House ID number must be
programmed into any 5804BD Wireless Key transmitters to receive Armed, Alarm,
and Ready to Arm status. Refer to the Ademco 5804BD Installation Instructions to
enter the House ID.
ZONE? TEST ADD
ZONE TEST OR ADD
Select
ADD to program new zones into the system or select TEST to perform a zone
test on existing zones. When performing a Zone Test, the 5881 receiver signal gain is
reduced by 50%. When adding new zones to the system, select
TEST to perform the
Zone Test.
TRIPS
END
ZONE TEST TRIPS COUNTER
When
TEST is selected, the Zone Test Trips Counter displays the number of times
any programmed zone trips (alarm/short) during the Zone Test. The keypad buzzer
sounds for 1 second each time a programmed zone trips. Select
END to stop the
zone test and display any failed zones.
Note: When the keypad is removed from the module, the 5881 receiver signal
gain automatically returns to 100%.
ZONE: XX
‑FAIL
ZONE TEST FAIL
The zone number of any zone that failed to trip at least once during the test
displays for four seconds and the buzzer sounds for one second. The next failed
zone displays. Press
CMD to advance to the next failed zone.
PROGRAM THE MODULE
DMP
BUS
Ademco Reciever
Model 738A
PROG
RECEIVER
Model 330
Programming
Harness
PROGRAM
5800TM Transmitter
To Keypad Bus
or LX Bus
Model 300
4-Wire Harness
To Keypad
DMP Model 300
Wire Color
Ademco Harness
Wire Color
Red
Red
Yellow
Yellow
Green
Green
Black
Black
N/A
Blue
Figure 4: 738A Wiring



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com