Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EMI
Description  EMI-suppression beads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EMI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EMI Datasheet HTML 1Page - List of Unclassifed Manufacturers EMI Datasheet HTML 2Page - List of Unclassifed Manufacturers EMI Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1390
Ferroxcube
EMI-suppression products
EMI-suppression beads
EMI-SUPPRESSION BEADS
Colour marking: 4S2 has a flash of yellow paint.
Note
1.
Typical values at 100 MHz,
Z
min is
−20%.
Fig.1 EMI suppression bead.
For dimensions see Table 1.
handbook, halfpage
;;;;
;;;;
;;;;
d
D
L
MBA034
Table 1
Grades, parameters and type numbers; see Fig.1
GRAD
E
|Ztyp|(
Ω)(1)
DIMENSIONS
(mm)
TYPE NUMBER
at frequency (MHz)
1
3
10
25
30
100 300
D
d
L
3S1
24
48
49
−
39
33
29
3
±0.1
0.7 +0.1
4
±0.2
BD3/0.7/4-3S1
41
90
91
−
74
63
55
3
±0.1
1 +0.1/
−0.05
10
±0.3
BD3/1/10-3S1
34
65
66
−
53
45
40
5.1
−0.3
0.75 +0.1
4
±0.2
BD5.1/0.8/4-3S1
88 156
160
− 113
88
63
5.1
−0.3
0.75 +0.1
10
±0.3
BD5.1/0.8/10-3S1
16
28
40
−
33
28
25
5.1
−0.3
1.5 +0.15
4
±0.2
BD5.1/1.5/4-3S1
50
90
100
−
80
69
60
5.1
−0.3
1.5 +0.15
10
±0.3
BD5.1/1.5/10-3S1
13
23
30
−
25
21
19
5.1
−0.3
2 +0.2
4
±0.2
BD5.1/2/4-3S1
36
64
76
−
61
53
46
5.1
−0.3
2 +0.2
10
±0.3
BD5.1/2/10-3S1
4S2
720
35
−
54
69
76
1.9
+0.2
0.8 +0.2
9.75
−0.2
BD1.9/0.8/9.8-4S2
310
28
−
40
63
68
3
±0.1
0.7 +0.1
4
±0.2
BD3/0.7/4-4S2
411
23
−
31
48
54
3
±0.1
1 +0.1/
−0.05
4
±0.2
BD3/1/4-4S2
929
54
−
76
119
134
3
±0.1
1 +0.1/
−0.05
10
±0.3
BD3/1/10-4S2
−−
−
27
−
40
−
3.5
±0.2
1.3
±0.1
3.25
±0.25 BD3.5/1.3/3.3-4S2
−−
−
47
−
60
−
3.5
±0.2
1.3
±0.1
6
±0.25 BD3.5/1.3/6-4S2
−−
−
89
− 125
−
3.5
±0.2
1.3
±0.1
12.7
±0.35 BD3.5/1.3/13-4S2
619
38
−
55
85
96
5.1
−0.3
0.75 +0.1
4
±0.2
BD5.1/0.8/4-4S2
15
50
94
− 138 213 238
5.1
−0.3
0.75 +0.1
10
±0.3
BD5.1/0.8/10-4S2
413
25
−
34
51
59
5.1
−0.3
1.5 +0.15
4
±0.2
BD5.1/1.5/4-4S2
931
56
−
85
130
145
5.1
−0.3
1.5 +0.15
10
±0.3
BD5.1/1.5/10-4S2
310
19
−
25
40
45
5.1
−0.3
2 +0.2
4
±0.2
BD5.1/2/4-4S2
−−
34
−−
78
−
5.1
−0.3
2 +0.2
7.1
±0.2
BD5.1/2/7.1-4S2
819
38
−
64
100
111
5.1
−0.3
2 +0.2
10
±0.3
BD5.1/2/10-4S2
−−
−
135
− 200
− 6.35 ±0.15
2.95 +0.45
25.4
±0.75 BD6.4/3/25-4S2
−−
−
63
−
92
− 7.65 −0.25
2.25 +0.25
7.55
±0.25 BD7.7/2.3/7.6-4S2
518
34
−
48
71
81
8
±0.2
1.5 +0.15
4
±0.2
BD8/1.5/4-4S2
13
43
88
− 116 181 201
8
±0.2
1.5 +0.15
10
±0.3
BD8/1.5/10-4S2
513
25
−
39
61
69
8
±0.2
2 +0.2
4
±0.2
BD8/2/4-4S2
11
35
69
−
96
151
168
8
±0.2
2 +0.2
10
±0.3
BD8/2/10-4S2
310
19
−
28
43
48
8
±0.2
3 +0.2
4
±0.2
BD8/3/4-4S2
825
50
−
69
106
119
8
±0.2
3 +0.2
10
±0.3
BD8/3/10-4S2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com