Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT1143 Datasheet(PDF) 18 Page - Advanced Analogic Technologies

Part # AAT1143
Description  1MHz 400mA Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1143 Datasheet(HTML) 18 Page - Advanced Analogic Technologies

Back Button AAT1143_06 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1143_06 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1143_06 Datasheet HTML 14Page - Advanced Analogic Technologies AAT1143_06 Datasheet HTML 15Page - Advanced Analogic Technologies AAT1143_06 Datasheet HTML 16Page - Advanced Analogic Technologies AAT1143_06 Datasheet HTML 17Page - Advanced Analogic Technologies AAT1143_06 Datasheet HTML 18Page - Advanced Analogic Technologies AAT1143_06 Datasheet HTML 19Page - Advanced Analogic Technologies AAT1143_06 Datasheet HTML 20Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Table 5: Surface Mount Capacitors.
Manufacturer
Part Number
Value
Voltage
Temp. Co.
Case
MuRata
GRM21BR61A475KA73L
4.7μF
10V
X5R
0805
MuRata
GRM18BR60J475KE19D
4.7μF
6.3V
X5R
0603
MuRata
GRM21BR60J106KE19
10μF
6.3V
X5R
0805
MuRata
GRM21BR60J226ME39
22μF
6.3V
X5R
0805
AAT1143
1MHz 400mA Step-Down Converter
18
1143.2006.07.1.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com