Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EK76 Datasheet(PDF) 3 Page - Cirrus Logic

Part # EK76
Description  Evaluation Kit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

EK76 Datasheet(HTML) 3 Page - Cirrus Logic

  EK76 Datasheet HTML 1Page - Cirrus Logic EK76 Datasheet HTML 2Page - Cirrus Logic EK76 Datasheet HTML 3Page - Cirrus Logic EK76 Datasheet HTML 4Page - Cirrus Logic EK76 Datasheet HTML 5Page - Cirrus Logic EK76 Datasheet HTML 6Page - Cirrus Logic EK76 Datasheet HTML 7Page - Cirrus Logic EK76 Datasheet HTML 8Page - Cirrus Logic EK76 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EK76
EK76U Rev A
3
PARTS LIST
Reference
Manufacturer Part #
Description
QTY
Printed Circuit Board
EVAL94
EVAL94
Printed Circuit Board
1
Resistors
R1, 2, 3
CSR03
Res, 10mΩ, 16W, 5%, TO-220
3
R4,5
CFR-50JB-52-430K
Res, 430kΩ, 1/2W, 5%, Axial
2
R6
4610X-101-510LF
Res, 9 array, 51Ω, 0.2W, SIP
1
R6-socket
PPTC101LFBN-RC
SIP Socket, 10pin
1
R7
4116R-1-221LF
Res, 8 array, 220Ω, TH DIP
1
R8
RR03J150KTB
Res, 150kΩ, 3W, 5%, Axial
1
Capacitors
CBP1
OX7RR105KWN
Ceramic Cap, 1 µF, 200V
1
CBP2, 3
2220Y1K00474KXTWS2
Ceramic Cap, 470nF, 1KV, X7R, 2220
2
CBP4, 5
380LX122M400A082
Electrolytic Cap, 1200µF, 400V
2
Diodes
D1
P6KE27A-TP
TVS diode, 23.1V standoff, 5W
1
D2, 3
P6KE400A
TVS diode, 342V standoff, 5W
2
D4, 5, 6
UC3611N
Diode, 4 array, 50V, 3A
3
LED1
LTL2R3KRD-EM
LED, red, 2mA nominal
1
Hardware
DUT-socket
6342-0-15-15-42-27-10-0
Pin Receptacle, 20A
16
P1
TS01
5-Block Terminal Strip
1
P2
M20-9980845
Pin header, 2 x 8, 0.1" pitch
1
P3, 4, 5
731711900
BNC connector, vertical, PC mount
3
P15, 16
571-0100
Banana Jack, horizontal, PC mount
2
DUT-HS
HS39
Heatsink, Power DIP, slotted, 1.7°C/W
1
CSR-HS
CR101-75AE
Heatsink, 3 x TO-220, clip-on
1
CLA-TO-21E
Heatsink Cam Clips
3
DUT-TW
TW22
Thermal Washer, KR package
1
94639A288
3/16" nylon spacer
6
91841A007
#6-32 nut
6
90272A151
#6-32 x 3/4" panhead screw
2
90272A150
#6-32 x 5/8" panhead screw
4
91735A190
#8-32 x 1/4" panhead screw
4
2221
#8-32 x 2" standoff
4
TFT20014NA005-6"
Teflon Tubing
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com