Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL94 Datasheet(PDF) 1 Page - Cirrus Logic

Part # EVAL94
Description  Evaluation Kit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

EVAL94 Datasheet(HTML) 1 Page - Cirrus Logic

  EVAL94 Datasheet HTML 1Page - Cirrus Logic EVAL94 Datasheet HTML 2Page - Cirrus Logic EVAL94 Datasheet HTML 3Page - Cirrus Logic EVAL94 Datasheet HTML 4Page - Cirrus Logic EVAL94 Datasheet HTML 5Page - Cirrus Logic EVAL94 Datasheet HTML 6Page - Cirrus Logic EVAL94 Datasheet HTML 7Page - Cirrus Logic EVAL94 Datasheet HTML 8Page - Cirrus Logic EVAL94 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.apexanalog.com
Subject to Change
© Apex Microtechnology Inc.
All rights reserved
May 2020
EK76U Rev A
Evaluation Kit
EK76
APPLICABLE PARTS (SOLD SEPARATELY)
• SA310KR
INTRODUCTION
This kit contains everything needed for rapid prototyping with the SA310KR 3-phase driver. With a multi-
tude of circuit options, the EK76 offers versatility when in comes to connecting inputs, measuring outputs,
and conditioning signals to the specific application environment. High- and low- input signals for each phase
may be supplied from any 3 V to 18 V digital controller via standard pin header or SMA connectors. A remov-
able 50 Ω termination resistor is offered for impedance-matched inputs. Coaxial measurement points are
offered for high-fidelity waveform measurement, so erroneous overshoot/ringing are cut down to a mini-
mum. The layout is carefully optimized for signal and power transmission, while permitting easy integration
with system controllers and 3-phase loads.
ABSOLUTE MAXIMUM RATINGS
All specifications listed in the SA310 datasheet apply to this board, except as noted below. This board
uses components that limit SA310's full operating range in exchange for convenience to the customer.
Parameter
Symbol
Max
Units
Limited By
Output Current, continuous, within SOA
IOUT
20
A
DUT-socket
Power Dissipation, SA310
PD
60
W
DUT-HS


Similar Part No. - EVAL94

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-1CH2CHSOICEBZ AD-EVAL-1CH2CHSOICEBZ Datasheet
328Kb / 8P
Access to 2 data channels
Rev. 0
logo
Infineon Technologies A...
EVAL-1ED3121MX12H INFINEON-EVAL-1ED3121MX12H Datasheet
450Kb / 20P
EiceDRIVER??1ED31xxMU12H Compact
v2.1 2021-03-01
EVAL-1ED3122MX12H INFINEON-EVAL-1ED3122MX12H Datasheet
450Kb / 20P
EiceDRIVER??1ED31xxMU12H Compact
v2.1 2021-03-01
EVAL-1ED3124MX12H INFINEON-EVAL-1ED3124MX12H Datasheet
450Kb / 20P
EiceDRIVER??1ED31xxMU12H Compact
v2.1 2021-03-01
EVAL-1ED3142MC12H-SIC INFINEON-EVAL-1ED3142MC12H-SIC Datasheet
2Mb / 51P
Single-channel isolated gate driver IC
2.0 2024-10-04
More results

Similar Description - EVAL94

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com