Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR03 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CSR03
Description  Evaluation Kit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CSR03 Datasheet(HTML) 4 Page - Cirrus Logic

  CSR03 Datasheet HTML 1Page - Cirrus Logic CSR03 Datasheet HTML 2Page - Cirrus Logic CSR03 Datasheet HTML 3Page - Cirrus Logic CSR03 Datasheet HTML 4Page - Cirrus Logic CSR03 Datasheet HTML 5Page - Cirrus Logic CSR03 Datasheet HTML 6Page - Cirrus Logic CSR03 Datasheet HTML 7Page - Cirrus Logic CSR03 Datasheet HTML 8Page - Cirrus Logic CSR03 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EK76
4
EK76U Rev A
Optional Components (Not
Included)
P6-14
CON-SMA-EDGE-S
SMA Connector
9
U2
LM6134BIN/NOPB
Quad Op Amp, 14 DIP through hole
1
C1, 2, 3
-
CAP 0805 Not Populated
3
C4
C0805C104M5RACTU
CAP 0805 100nF 50V X7R
1
R9, 12, 13, 16, 17, 20
ERA-6AEB4992V
RES 0805 49.9kΩ 1/8W 0.1%
6
R10, 11, 14, 15, 18, 19
ERA-6AEB103V
RES 0805 10kΩ 1/8W 0.1%
6
R21
RMCF0805JT39K0
RES 0805 39kΩ 1/8W 5%
1
R22
3386P-1-103LF
Trimmer, 10kΩ, Through hole
1
R23, 24, 25
RMCF0805ZT0R00
RES 0805 0Ω Jumper
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com