Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

732B/C Datasheet(PDF) 5 Page - Fluke Corporation

Part # 732B/C
Description  DC Reference Standard
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

732B/C Datasheet(HTML) 5 Page - Fluke Corporation

  732B/C Datasheet HTML 1Page - Fluke Corporation 732B/C Datasheet HTML 2Page - Fluke Corporation 732B/C Datasheet HTML 3Page - Fluke Corporation 732B/C Datasheet HTML 4Page - Fluke Corporation 732B/C Datasheet HTML 5Page - Fluke Corporation 732B/C Datasheet HTML 6Page - Fluke Corporation 732B/C Datasheet HTML 7Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5 Fluke Calibration
734A DC Reference Standard
For existing 732Bs or similar standards that are
already in use, the Direct Voltage Maintenance
Program is a service where Fluke Calibration can
provide calibration certificates for these stan-
dards. This service consists of two calibration
alternatives that can be used depending on your
needs.
•
Calibrations done by Fluke. Calibration
certificate services can be easily performed on
standards returned to Fluke Calibration service
facilities. Contact your Fluke Calibration repre-
sentative or your local Fluke service center for
details regarding these calibration certificate
alternatives.
•
Calibration in your laboratory. With the
732B-200 services, a standard owned and
calibrated by Fluke Calibration, including
all necessary connecting cables and clear
operating instructions, is sent to your site
for comparison with one or more of your
own reference standards. You make a series
of readings over five days and forward
the standard to the next laboratory, then
return the measurement results to the Fluke
Calibration Standards Laboratory. A value for
your reference relative to the Fluke standard
is assigned. Within one week, a preliminary
Report of Calibration is returned to you. Once
the standard is returned to Fluke Calibration,
it is compared to the Fluke Voltage Standard.
A final value is assigned to your reference,
and a final Report of Calibration is sent to you.
The 732B-200 service provides a calibra-
tion certificate for one local standard. Each
additional standard that requires a certificate
can use the 732B-201 service. In this way,
comparing multiple standards to a single Fluke
Calibration standard will provide any required
number of standards with individual calibra-
tion certificates.
Note: This service is not available in all areas. Contact
your local Fluke representative for details).
734A specifications
Output voltages
Outputs of 10.0 V and 1.018 V are provided at
separate binding-post pairs with the following
characteristics:
Stability
Stability for the 732B is specified by the follow-
ing at a temperature of Tcal ± 1 °C (15 °C ≤Tcal
± 35 °C):
Stability (ppm)
Output Voltage
30 Days
90 Days
1 Year
10 V
0.3
0.8
2.0
1.018 V
0.8
NA
NA
Noise at output terminals
Output noise is specified for both day-to-day
observations and for short-term observations.
The former is given by the standard deviation
about the regression line of a 90-day regression
model. The latter is terms of its rms value in a
bandwidth as follows:
Output Voltage
Day-to-Day (S1)
(ppm)
0.01 Hz
10 Hz (ppm)
10 V
0.065
0.06 rms
1.018 V
0.1
0.3 rms
Output current and impedance
Output Voltage
Output Current
Output
Impedance
10 V
12 mA*
≤1 mW
1.018 V
NA
≤1 kW
*Output current is limited to ≤0.1 mA to realize 72-hour operation
under battery power.
Output adjustment
10 V: 0.15 ppm resolution 1.018 V: Set at nominal
± 1 mV. No adjustment is provided, however the
output value changes when the 10 V output is
adjusted
Retrace (hysteresis) error
(Constant temperature)
≤0.1 ppm, 10 minute power off ≤0.25 ppm, 1 to
24 hours power off
Stabilization time (Constant temperature)
For best results, allow a 14-day stabilization
period after power has been off for an extended
period of time
No power interruption
No stabilization time is required after moving
into another environment
Power off <1 hour
1-hour warm up required
Power off 1 to 24 hours
24-hour warm up required



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com