Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSB208 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # FSB208
Description  2 AMP FAST RECOVERY BRIDGE RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FSB208 Datasheet(HTML) 1 Page - Diotec Semiconductor

  FSB208 Datasheet HTML 1Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MECHANICAL DATA
FEATURES
Data Sheet No. BFSB-200-1B
MECHANICAL SPECIFICATION
PRV Ratings from 50 to 1000 Volts
Surge overload rating to 50 Amps peak
Reliable low cost molded plastic construction
Ideal for printed circuit board applications
Fast switching for high efficiency
Case: Molded plastic, U/L Flammability Rating 94V-0
Terminals: Rectangular pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on case
Mounting Position: Any
Weight: 0.1 Ounces (2.8 Grams)
G5
(1) T = 25 C, I = 0.5A, I = 1A, I
= 0.25A
(2) Bridge mounted on PC Board with 0.47" sq. (12mm sq.) copper pads
JF
R
RR
o
3.0102fsb
NOTES:
SERIES FSB200- FSB210
UL RECOGNIZED- FILE #E124962
MAXIMUM RATINGS& ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive loads, derate current by 20%.
Average Forward Rectified Current@ T = 55 C
A
o
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
IO
VRMS
VRRM
VRM
SYMBOL
FSB
FSB
RATINGS
UNITS
VOLTS
FSB
FSB
FSB
FSB
FSB
50
100
200
400
1000
35
70
140
280
700
2
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load)
Maximum Forward Voltage at1 Amp DC
VOLTS
AMPS
VFM
IFSM
50
1
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
IRM
R
θJA
°C/W
µA
@ T= 25 C
A
o
@ T = 25 C
J
o
@ T = 125 C
A
o
10
500
30
Maximum Thermal Resistance, Junction to Ambient (Note 2)
Junction Operating and Storage Temperature Range
T T
J,
STG
TRR
°C
-55 to +150
600
800
50
100
200
400
1000
600
800
420
560
200
201
202
204
206
208
210
Maximum Reverse Recovery Time (Note 1)
200
300
500
nS
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
ACTUAL SIZE OF
SB2 PACKAGE
D
0.63
16.0
18.0
4.00
2.99
0.118
0.160
0.71
0.71
0.89
0.028
0.035
14.0
15.0
0.55
0.59
D1
13.2
13.7
0.52
0.54
L
0.50
12.7
n/a
n/a
5.99
7.01
0.236
0.276
0.138
0.140
3.55
3.51
A
A1
B
B1
C
SYM
MILLIMETERS
INCHES
MIN
MIN
MAX
MAX
A
A1
D
D1
L
C
B1
B
+
_
FSB208
DIOTEC 009
FSB208
DIOTEC 009


Similar Part No. - FSB208

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FSB208 DEC-FSB208 Datasheet
233Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FSB208

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FDB300 DEC-FDB300 Datasheet
256Kb / 1P
3 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDI100 DEC-FDI100 Datasheet
259Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FSB200 DEC-FSB200 Datasheet
233Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB2500P DEC-FDB2500P Datasheet
459Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB3500P DEC-FDB3500P Datasheet
451Kb / 2P
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
BFSB-200-1B DEC-BFSB-200-1B Datasheet
235Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
1-5FWB DEC-1-5FWB Datasheet
76Kb / 2P
1.5 AMP FAST RECOVERY BRIDGE RECTIFIERS
02FSB DEC-02FSB Datasheet
235Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
25FDBP DEC-25FDBP Datasheet
462Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
VS048X NJSEMI-VS048X Datasheet
181Kb / 2P
2 Amp Fast Recovery Time Epoxy Bridge Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com