Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1207 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1207
Description  Time Key
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1207 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1207 Datasheet HTML 1Page - Dallas Semiconductor DS1207 Datasheet HTML 2Page - Dallas Semiconductor DS1207 Datasheet HTML 3Page - Dallas Semiconductor DS1207 Datasheet HTML 4Page - Dallas Semiconductor DS1207 Datasheet HTML 5Page - Dallas Semiconductor DS1207 Datasheet HTML 6Page - Dallas Semiconductor DS1207 Datasheet HTML 7Page - Dallas Semiconductor DS1207 Datasheet HTML 8Page - Dallas Semiconductor DS1207 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DS1207
021798 2/17
OPERATION – NORMAL MODE
The TimeKey has two modes of operation: normal and
program. The normal mode of operation provides the
functions of reading and writing the 384-bit secure
memory. The block diagram (Figure 1) illustrates the
main elements of the TimeKey when used in the normal
mode. To initiate data transfer with the TimeKey, RST is
taken high and 24 bits are loaded into the command reg-
ister on each low-to-high transition of the CLK input. The
command register must match the exact bit pattern
which defines normal operations with a function code of
read or write. If one of these patterns is not matched,
communications are ignored. If the command register is
loaded properly, communications are allowed to contin-
ue. Data is clocked out of the TimeKey on the
high-to-low transition of the clock. If the pattern matched
in the command register calls for a normal read or write,
the next 64 cycles following the command word are read
and data is clocked out of the identification memory. The
next 64 write cycles are written to the compare register
(Figure 2). These 64 bits must match the exact pattern
stored in the security match memory. If a match is not
found, access to additional information is denied. In-
stead, if a normal read mode is selected, random
garbled data is output for the next 384 cycles. If a normal
write cycle is selected and a match is not achieved, the
TimeKey will ignore any additional information. Howev-
er, when a security match is achieved, access is per-
mitted to write the 384-bit secure memory.
OPERATION - PROGRAM MODE
The program mode of operation provides the functions
of programming the identification and security match
memory, and setting and reading the amount of time the
TimeKey can be used. The block diagram in Figure 3 il-
lustrates the main elements of the TimeKey when used
in the program mode. To initiate the program mode, RST
is driven high and 24 bits are loaded into the command
register on each low-to-high transition of the CLK input.
The command register must match the exact bit pattern
that defines the program mode for the identification and
security match bits or the program mode for setting and
reading the amount of time for which the TimeKey can
be used. If an exact match for one of the seven function
codes of the program mode is not found, the remainder
of the program mode is ignored. When the command
register is properly loaded for programming the identifi-
cation and security match bits, the next 128 bits are writ-
ten to the identification and security match memory
(Figure 4). When this mode of operation is invoked, all
memory contents are erased.
SETTING AND READING TIME REMAINING
There are six functions of the program mode which are
used to set or read the amount of time for which the
TimeKey will allow full operation. To initiate any of the six
functions of the program mode used for setting and
reading time remaining, RST is driven high and 24 bits
are loaded into the command register on each
low-to-high transition of the CLK input. If the command
register is properly loaded with the function code for
reading the 20-bit day clock counter, the next 20 bits will
be output (LSB first) as a binary count of the amount of
time elapsed in the current day (see Figure 5). The time
can be calculated by dividing this count reading by 220
(20 bits is equal to 1,048,576 counts). One minus this re-
sult is the fraction of a day remaining. The 20-bit day
clock counter is driven by an internal oscillator that has a
period of 82.4 ms. If the command register is properly
loaded with the function code for reading the 9-bit num-
ber of days counter, the next 9 bits will be output (LSB
first) as a binary count of the days remaining (see
Figure 6). This count is decremented each time the day
clock counter rolls over to zero. When the number of
days remaining counter rolls through zero, normal and
program mode write cycles are inhibited. If the program
mode read cycle to the number of days counter is at-
tempted, the nine bits will be returned as all ones.
If the command register is properly loaded with the func-
tion code for writing the 9-bit number of days counter,
the next nine bits will be input (LSB first) as a binary
count of the desired number of days in which the Time-
Key will be fully functional (see Figure 7). The number of
days counter can be changed by writing over an entered
value as often as required until the lock command is en-
tered. The lock command is given when the command
register is properly loaded with the function code for
locking up the number of days counter. The lock com-
mand consists of the 24-bit command word only (see
Figure 8). Once the lock command is given, all future
write cycles to the number of days register are ignored.
After the correct value has been written and locked into
the number of days counter, the DS1207 will start count-
ing the time from the entered value to zero after the first
access to the TimeKey is executed, provided the arm
oscillator bit is set. The arm oscillator bit is set when the
command register has been properly loaded with the
function code for arming the oscillator. The arm oscilla-
tor command consists of the 24-bit command word only
(see Figure 9). One other command is also available for
use in setting and reading time remaining. A stop oscil-
lator command is given when the command register is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com