Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC200T Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # EC200T
Description  Quectel EC200T IoT/M2M-optimized LTE Cat 4 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

EC200T Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  EC200T Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. EC200T Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quectel EC200T
IoT/M2M-optimized
LTE Cat 4 Module
China/India:
EC200T-CN:
LTE FDD: B1/B3/B5/B8
LTE TDD: B34/B38/B39/B40/B41
WCDMA: B1/B5/B8
GSM: 900/1800MHz
Europe/Southeast Asia:
EC200T-EU:
LTE FDD: B1/B3/B5
①/B7/B8/B20①/B28
LTE TDD: B38/B40/B41
WCDMA: B1/B5/B8
GSM: 900/1800MHz
Data
LTE:
LTE FDD: Max 150Mbps (DL)/Max 50Mbps (UL)
LTE TDD: Max 130Mbps (DL)/Max 30Mbps (UL)
UMTS:
HSPA+: Max 21Mbps (DL)
HSUPA: Max 5.76Mbps (UL)
WCDMA: Max 384Kbps (DL)/Max 384Kbps (UL)
GSM:
EDGE: Max 236.8Kbps (DL)/Max 236.8Kbps (UL)
GPRS: Max 85.6Kbps (DL)/Max 85.6Kbps (UL)
Interfaces
USB x 1: USB 2.0 with High Speed up to 480Mbps
Digital Audio through PCM Interface (Optional)
(U)SIM x 1: 1.8V/3.0V (U)SIM Interface
NETLIGHT x 2 (NET_STATUS and NET_MODE)
UART X 2: Main UART and Debug UART
ADC x 2
SDIO* x 2 (for SD card and Wi-Fi)
RESET (Active low)
PWRKEY (Active low)
Solder Pads for Primary and Rx-diversity
Antennas
Enhanced Features
FOTA (Firmware Upgrade Over-The-Air)
(U)SIM Card Detection
Downlink Supports MIMO and RX-diversity
Antenna
SDIO Interface for Wi-Fi Function
Electrical Characteristics
Output Power:
Class 3 (23dBm±2dB) for LTE FDD bands
Class 3 (23dBm±2dB) for LTE TDD bands
Class 3 (24dBm+1/-3dB) for WCDMA bands
Class E2 (27dBm±3dB) for EGSM900 8-PSK
Class E2 (26dBm±3dB) for DCS1800 8-PSK
Class 4 (33dBm±2dB) for EGSM900
Class 1 (30dBm±2dB) for DCS1800
Consumption:
11uA @Power off
2.05mA @LTE Sleep (PF=128)
1.56mA @LTE Sleep (PF=256)
28.5mA @Idle
Sensitivity:
FDD B1: -100dBm (10M)
FDD B3: -100.5dBm (10M)
FDD B5: -101dBm (10M)
FDD B7: -98dBm (10M)
FDD B8: -101dBm (10M)
FDD B20: -100dBm (10M)
FDD B28: -100dBm (10M)
TDD B34: -100dBm (10M)
TDD B38: -100dBm (10M)
TDD B39: -100dBm (10M)
TDD B40: -100dBm (10M)
TDD B41: -99dBm (10M)
WCDMA B1: -108dBm
WCDMA B5: -109dBm
WCDMA B8: -110dBm
EGSM900: -108dBm
DCS1800: -108dBm
Software Features
USB Serial Driver:
Windows 7/8/8.1/10,
Linux 2.6/3.x/4.1~4.15,
Android 4.x/5.x/6.x/7.x/8.x/9.x
RIL Driver: Android 4.x/5.x/6.x/7.x/8.x/9.x
RNDIS Driver: Windows 7/8/8.1/10
ECM Driver: Linux 2.6/3.x/4.1~4.15
Protocols:
TCP/UDP/PPP/NTP/NITZ/FTP/HTTP/PING/CMUX/
HTTPS/FTPS/SSL/FILE/MQTT/MMS*/SMTP*/
SMTPS*
General Features
Temperature Range: -40°C ~ +85°C
Dimensions: 29.0mm × 32.0mm × 2.4mm
Weight: Approx. 4.4g
LCC Package
Supply Voltage: 3.4V~4.5V, 3.8V Typ.
Bandwidth: 1.4/3/5/10/15/20MHz
3GPP E-UTRA Release 9
3GPP TS 27.007, 27.005 and Enhanced AT
Commands
Approvals
EC200T-CN:
Carrier:
China Telecom*/China Mobile* (China)
Regulatory:
SRRC/NAL/CCC (China)
Others:
RoHS Compliant
EC200T-EU:
Regulatory:
CE* (Europe)
Others:
RoHS Compliant
* Under Development
①
means LTE FDD B5 and B20 cannot be
supported on EC200T-EU at the same time.
32.0mm
2.4mm
Copyright © 2019 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com