Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA120 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # BGA120
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BGA120 Datasheet(HTML) 4 Page - Silicon Laboratories

  BGA120 Datasheet HTML 1Page - Silicon Laboratories BGA120 Datasheet HTML 2Page - Silicon Laboratories BGA120 Datasheet HTML 3Page - Silicon Laboratories BGA120 Datasheet HTML 4Page - Silicon Laboratories BGA120 Datasheet HTML 5Page - Silicon Laboratories BGA120 Datasheet HTML 6Page - Silicon Laboratories BGA120 Datasheet HTML 7Page - Silicon Laboratories BGA120 Datasheet HTML 8Page - Silicon Laboratories BGA120 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 261 page
background image
2. Ordering Information
Table 2.1. Ordering Information
Ordering Code
Flash
(kB)
RAM
(kB)
GPIO
Package
Temp Range
EFM32GG11B820F2048GL192-B
2048
512
Yes
Yes
Yes
Yes
Yes
Yes
144
BGA192
-40 to +85°C
EFM32GG11B840F1024GL192-B
1024
512
Yes
Yes
Yes
Yes
Yes
Yes
144
BGA192
-40 to +85°C
EFM32GG11B820F2048GL152-B
2048
512
Yes
Yes
Yes
Yes
Yes
Yes
121
BGA152
-40 to +85°C
EFM32GG11B820F2048IL152-B
2048
512
Yes
Yes
Yes
Yes
Yes
Yes
121
BGA152
-40 to +125°C
EFM32GG11B840F1024GL152-B
1024
512
Yes
Yes
Yes
Yes
Yes
Yes
121
BGA152
-40 to +85°C
EFM32GG11B840F1024IL152-B
1024
512
Yes
Yes
Yes
Yes
Yes
Yes
121
BGA152
-40 to +125°C
EFM32GG11B820F2048GL120-B
2048
512
Yes
Yes
Yes
Yes
Yes
Yes
95
BGA120
-40 to +85°C
EFM32GG11B820F2048IL120-B
2048
512
Yes
Yes
Yes
Yes
Yes
Yes
95
BGA120
-40 to +125°C
EFM32GG11B840F1024GL120-B
1024
512
Yes
Yes
Yes
Yes
Yes
Yes
95
BGA120
-40 to +85°C
EFM32GG11B840F1024IL120-B
1024
512
Yes
Yes
Yes
Yes
Yes
Yes
95
BGA120
-40 to +125°C
EFM32GG11B820F2048GQ100-B
2048
512
Yes
Yes
Yes
Yes
Yes
Yes
80
QFP100
-40 to +85°C
EFM32GG11B820F2048IQ100-B
2048
512
Yes
Yes
Yes
Yes
Yes
Yes
80
QFP100
-40 to +125°C
EFM32GG11B840F1024GQ100-B
1024
512
Yes
Yes
Yes
Yes
Yes
Yes
80
QFP100
-40 to +85°C
EFM32GG11B840F1024IQ100-B
1024
512
Yes
Yes
Yes
Yes
Yes
Yes
80
QFP100
-40 to +125°C
EFM32GG11B820F2048GQ64-B
2048
512
Yes
Yes
Yes
Yes
Yes
Yes
47
QFP64
-40 to +85°C
EFM32GG11B820F2048GM64-B
2048
512
Yes
Yes
Yes
Yes
Yes
Yes
50
QFN64
-40 to +85°C
EFM32GG11B820F2048IQ64-B
2048
512
Yes
Yes
Yes
Yes
Yes
Yes
47
QFP64
-40 to +125°C
EFM32GG11B820F2048IM64-B
2048
512
Yes
Yes
Yes
Yes
Yes
Yes
50
QFN64
-40 to +125°C
EFM32GG11B840F1024GQ64-B
1024
512
Yes
Yes
Yes
Yes
Yes
Yes
47
QFP64
-40 to +85°C
EFM32GG11B840F1024GM64-B
1024
512
Yes
Yes
Yes
Yes
Yes
Yes
50
QFN64
-40 to +85°C
EFM32GG11B840F1024IQ64-B
1024
512
Yes
Yes
Yes
Yes
Yes
Yes
47
QFP64
-40 to +125°C
EFM32GG11B840F1024IM64-B
1024
512
Yes
Yes
Yes
Yes
Yes
Yes
50
QFN64
-40 to +125°C
EFM32GG11B520F2048GL120-B
2048
512
Yes
No
No
No
No
Yes
95
BGA120
-40 to +85°C
EFM32GG11B510F2048GL120-B
2048
384
Yes
No
No
No
No
Yes
95
BGA120
-40 to +85°C
EFM32GG11B520F2048IL120-B
2048
512
Yes
No
No
No
No
Yes
95
BGA120
-40 to +125°C
EFM32GG11B510F2048IL120-B
2048
384
Yes
No
No
No
No
Yes
95
BGA120
-40 to +125°C
EFM32GG11B520F2048GQ100-B
2048
512
Yes
No
No
No
No
Yes
83
QFP100
-40 to +85°C
EFM32GG11B510F2048GQ100-B
2048
384
Yes
No
No
No
No
Yes
83
QFP100
-40 to +85°C
EFM32GG11B520F2048IQ100-B
2048
512
Yes
No
No
No
No
Yes
83
QFP100
-40 to +125°C
EFM32GG11B510F2048IQ100-B
2048
384
Yes
No
No
No
No
Yes
83
QFP100
-40 to +125°C
EFM32GG11 Family Data Sheet
Ordering Information
silabs.com | Building a more connected world.
Rev. 1.2 | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com