Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA26 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTA26
Description  800 V and 600 V, 25 A standard Triacs in TOP3 package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA26 Datasheet(HTML) 3 Page - STMicroelectronics

  BTA26_V01 Datasheet HTML 1Page - STMicroelectronics BTA26_V01 Datasheet HTML 2Page - STMicroelectronics BTA26_V01 Datasheet HTML 3Page - STMicroelectronics BTA26_V01 Datasheet HTML 4Page - STMicroelectronics BTA26_V01 Datasheet HTML 5Page - STMicroelectronics BTA26_V01 Datasheet HTML 6Page - STMicroelectronics BTA26_V01 Datasheet HTML 7Page - STMicroelectronics BTA26_V01 Datasheet HTML 8Page - STMicroelectronics BTA26_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Table 3. Electrical characteristics (Tj = 25 °C, unless otherwise specified) - Standard (4 quadrants)
Symbol
Parameters
Quadrant
Value
Unit
IGT(1)
VD = 12 V, RL = 33 Ω
I - II - III
IV
Max.
50
100
mA
VGT
All
Max.
1.3
V
VGD
VD = VDRM, RL = 3.3 kΩ, Tj = 125 °C
All
Min.
0.2
V
IH(2)
IT = 500 mA
Max.
80
mA
IL
IG = 1.2 IGT
I - III - IV
Max.
70
mA
II
Max.
160
dV/dt(2)
VD = 67 % VDRM gate open, Tj = 125 °C
Min.
500
V/µs
(dV/dt)c(2)
(dI/dt)c = 13.3 A/ms, Tj = 125 °C
Min.
10
V/µs
1. Minimum IGT is guaranteed at 5 % of IGT max.
2. For both polarities of A2 referenced to A1
Table 4. Static electrical characteristics
Symbol
Test conditions
Tj
Value
Unit
VTM(1)
ITM = 35 A, tp = 380 µs
25 °C
Max.
1.55
V
VTO(1)
threshold on-state voltage
125 °C
Max.
0.85
V
RD(1)
Dynamic resistance
125 °C
Max.
16
IDRM/IRRM
VT = VDRM, VT = VRRM
25 °C
Max.
5
µA
125 °C
3
mA
1. For both polarities of A2 referenced to A1
Table 5. Thermal resistance
Symbol
Parameters
Value
Unit
Rth(j-c)
Junction to case (AC)
BTA26 (TOP3 Ins.)
Max.
0.9
°C/W
BTB26 (TOP3)
0.6
Rth(j-a)
Junction to ambient
BTA26 (TOP3 Ins.) / BTB26 (TOP3)
Typ.
50
BTA26, BTB26
Characteristics
DS13701 - Rev 1
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com