Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EP53V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EP53V
Description  5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP53V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EP53V Datasheet HTML 1Page - Micrel Semiconductor SY10EP53V Datasheet HTML 2Page - Micrel Semiconductor SY10EP53V Datasheet HTML 3Page - Micrel Semiconductor SY10EP53V Datasheet HTML 4Page - Micrel Semiconductor SY10EP53V Datasheet HTML 5Page - Micrel Semiconductor SY10EP53V Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
ECL Pro™
SY10EP53V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
1
2345
6
7
8
9
10
VCC
D
/D
CLK /CLK
SET
Q
/Q RESET VEE
D
Flip-Flop
SR
10-Pin MSOP (K10-1)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10EP53VKC
K10-1
Commercial
HEP53V
Sn-Pb
SY10EP53VKCTR(2)
K10-1
Commercial
HEP53V
Sn-Pb
SY10EP53VKI
K10-1
Industrial
HEP53V
Sn-Pb
SY10EP53VKITR(2)
K10-1
Industrial
HEP53V
Sn-Pb
SY10EP53VKG(3)
K10-1
Industrial
HEP53V with
NiPdAu
Pb-Free bar line indicator Pb-Free
SY10EP53VKGTR(2, 3)
K10-1
Industrial
HEP53V with
NiPdAu
Pb-Free bar line indicator Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com