Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE14 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # EE14
Description  Hygrostats for Wall and Duct Mounting Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE14 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  EE14 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE14 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
38
EE14
HOUSING
PROBE LENGTH
FILTER
(according to “A”)
wall mounting
(A)
20 mm (0.7”)
(1)
membrane filter
(1)
duct mounting
(B)
200 mm (7.9”)
(5)
metal grid filter
(6)
Measuring value
Humidity sensor
HC101
Output
centre-zero relay up to 30V DC / 5A or 48V AC / 5A
threshold
hysteresis
Setting range
10...95% RH
3...15% RH
Setting accuracy
± 3% RH
General
Supply voltage
24V DC / V AC ± 15 %
Current consumption for DC supply
typ. 12 mA
for AC supply
typ. 20 mAeff
Electrical connection
screw terminals max. 1.5 mm
2
(AWG 16)
Housing/ protection class
Polycarbonat / IP65, Nema 4
Cable gland
M16x1.5; cable Ø 4.5 - 10 mm (0.18 - 0.39”)
Sensor protection
membrane filter, metal grid filter
Electromagnetic compatibility
EN 50081-2
EN 50081-1
EN 50082-2
Temperature range
working temperature:
-5...50°C (23...122°F)
storage temperature:
-30...60°C (-22...140°F)
Housing Dimensions (mm)
Technical Data
EE14-
EE14-A1
housing:
wall mounting
probe length:
20 mm (0.7”)
filter:
membrane filter
Ordering Guide
Order Example
1 mm = 0.03937”/ 1” = 25.4 mm
Type B
Type A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com