Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F803 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # DSP56F803
Description  16-bit Digital Signal Controllers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button DSP56F803 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56F803 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
56F803 Technical Data, Rev. 16
36
Freescale Semiconductor
Figure 3-17 Recovery from Stop State Using IRQA Interrupt Service
3.8 Serial Peripheral Interface (SPI) Timing
Table 3-12 SPI Timing1
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6V, TA = –40° to +85°C, CL ≤ 50pF, fOP = 80MHz
Characteristic
Symbol
Min
Max
Unit
See Figure
Cycle time
Master
Slave
tC
50
25
—
—
ns
ns
Figures 3-18, ,
3-20, 3-21
Enable lead time
Master
Slave
tELD
—
25
—
—
ns
ns
Figure 3-21
Enable lag time
Master
Slave
tELG
—
100
—
—
ns
ns
Figure 3-21
Clock (SCLK) high time
Master
Slave
tCH
17.6
12.5
—
—
ns
ns
Figures 3-18, ,
3-20, 3-21
Clock (SCLK) low time
Master
Slave
tCL
24.1
25
—
—
ns
ns
Figures 3-18, ,
3-20, 3-21
Data set-up time required for inputs
Master
Slave
tDS
20
0
—
—
ns
ns
Figures 3-18, ,
3-20, 3-21
Data hold time required for inputs
Master
Slave
tDH
0
2
—
—
ns
ns
Figures 3-18, ,
3-20, 3-21
Access time (time to data active from high-impedance
state)
Slave
tA
4.8
15
ns
Figure 3-21
Disable time (hold time to high-impedance state)
Slave
tD
3.7
15.2
ns
Figure 3-21
Instruction Fetch
IRQA
A0–A15
PS, DS,
RD, WR
First IRQA Interrupt
tIRQ
tII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com