Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT1171 Datasheet(PDF) 21 Page - Advanced Analogic Technologies

Part # AAT1171
Description  600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1171 Datasheet(HTML) 21 Page - Advanced Analogic Technologies

Back Button AAT1171 Datasheet HTML 14Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 15Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 16Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 17Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 18Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 19Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 20Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 21Page - Advanced Analogic Technologies AAT1171 Datasheet HTML 22Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Table 1: Suggested Component Selection.
Manufacturer
Value
Part Number
ISAT
IRMS
DCR
Case Size (mm)
Cooper Electronics
2.2µH
SD3118-2R2
1.12A
0.91A
140m
Ω
3.1x3.1x1.2
www.cooperet.com
Sumida
2.2µH
CDRH2D11/HP
1.1A
1.3A
96m
Ω
3.2x3.2x1.2
www.sumida.com
ABCO Electronics
2.2µH
LPF2010-2R2M
0.52A
200m
Ω
2.0x2.0x1.0
www.abco.co.kr
2.2µH
LPF2010-2R2M
0.55A
110m
Ω
2.0x2.0x1.4
Manufacturer
Value
Device
Voltage
Case Size
Part Number
Murata
4.7µF
Output or Input Capacitor
10V
0805
GRM21BR61A475KA73L
www.murata.com
Input Capacitor
6.3V
0603
GRM188R60J475KE19D
TDK
4.7µF
Output or Input Capacitor
10V
0805
C2012X5R1A475K
www.tdk.com
Input Capacitor
6.3V
0603
C1608X5ROJ475K
Taiyo Yuden
4.7µF
Output or Input Capacitor
10V
0805
LMK212BJ475MG
www.t-yuden.com
Input Capacitor
6.3V
0603
JMK107BJ475MA
AAT1171
600mA Voltage-Scaling Step-Down Converter
for RF Power Amplifiers with Bypass Switch
1171.2006.06.1.0
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com