Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY10EP89V Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EP89V
Description  5V/3.3V 3GHz COAXIAL CABLE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP89V Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EP89V Datasheet HTML 1Page - Micrel Semiconductor SY10EP89V Datasheet HTML 2Page - Micrel Semiconductor SY10EP89V Datasheet HTML 3Page - Micrel Semiconductor SY10EP89V Datasheet HTML 4Page - Micrel Semiconductor SY10EP89V Datasheet HTML 5Page - Micrel Semiconductor SY10EP89V Datasheet HTML 6Page - Micrel Semiconductor SY10EP89V Datasheet HTML 7Page - Micrel Semiconductor SY10EP89V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ECL Pro™
SY10EP89V
Micrel, Inc.
M9999-120505
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
1
Q0
/Q0
Q1
/Q1
8VCC
D
/D
VEE
7
6
5
2
3
4
8-Pin SOIC (Z8-1)
8-Pin MSOP (K8-1)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10EP89VZC
Z8-1
Commercial
HEP89V
Sn-Pb
SY10EP89VZCTR(2)
Z8-1
Commercial
HEP89V
Sn-Pb
SY10EP89VKC
K8-1
Commercial
HP89
Sn-Pb
SY10EP89VKCTR(2)
K8-1
Commercial
HP89
Sn-Pb
SY10EP89VZI
Z8-1
Industrial
HEP89V
Sn-Pb
SY10EP89VZITR(2)
Z8-1
Industrial
HEP89V
Sn-Pb
SY10EP89VKI
K8-1
Industrial
HP89
Sn-Pb
SY10EP89VKITR(2)
K8-1
Industrial
HP89
Sn-Pb
SY10EP89VZG(3)
Z8-1
Industrial
HEP89V with
NiPdAu
Pb-Free bar line indicator Pb-Free
SY10EP89VZGTR(2, 3)
Z8-1
Industrial
HEP89V with
NiPdAu
Pb-Free bar line indicator Pb-Free
SY10EP89VKG(3)
K8-1
Industrial
HP89 with
NiPdAu
Pb-Free bar line indicator Pb-Free
SY10EP89VKGTR(2, 3)
K8-1
Industrial
HP89 with
NiPdAu
Pb-Free bar line indicator Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com