Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE65-VB5 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # EE65-VB5
Description  Air Velocity Transmitter for HVAC Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE65-VB5 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  EE65-VB5 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE65-VB5 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EE65-VB5
model:
velocity
housing:
duct mounting
probe length:
200mm (7.9”)
V+ =
GND =
AV =
supply voltage
ground
airflow output
V+
GND
AV
1
2
3
+
-
~
~
V/mA
power supply
24 V AC/DC± 10%
Order Example
Ordering Guide
Connection Diagram
Dimensions (mm)
20%
1 mm = 0.03937” / 1” = 25.4 mm
Accessories
cable length: standard 1m (3.3ft)
Type B
Type C
MODEL
HOUSING
PROBE LENGTH
(see Dimensions: Length “A”, Type B only)
CABLE LENGTH
(Type C only)
velocity
(V) duct mounting
(B) 100mm (3.9”)
(3) 1m (3.3ft)
(no code)
remote sensor probe
(C) 200mm (7.9”)
(5) 2m (6.6ft)
(K200)
others
(x) 5m (16.4ft)
(K500)
10m (32.8ft)
(K1000)
EE65-
Snap in - mounting flange for duct mounting
HA010205
Product configuration adapter
siehe Datenblatt EE-PCA
Product configuration software
EE-PCS (free download: www.epluse.com/configurator)
Power supply adapter
V03 (see data sheet “Accessories”)
- EE65 Transmitter according ordering guide
- Cable gland
- Mounting flange
- Mounting kit
- Protection cap
- Operation manual
- Two self-adhesive labels for configuration changes1)
- Test report according to DIN EN10204 - 2.2
1) see user guide at www.epluse.com/configuration-change
Scope of Supply
123
v2.9 / Modification rights reserved
EE65



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com