Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F803E Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # DSP56F803E
Description  16-bit Digital Signal Controllers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F803E Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button DSP56F803E Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56F803E Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Quadrature Decoder Signals
56F803 Technical Data, Rev. 16
Freescale Semiconductor
15
2.8 Quadrature Decoder Signals
2.9 Serial Communications Interface (SCI) Signals
Table 2-12 Quadrature Decoder (Quad Dec0) Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
1
PHASEA0
TA0
Input
Input/Output
Input
Input
Phase A—Quadrature Decoder #0 PHASEA input
TA0—Timer A Channel 0
1
PHASEB0
TA1
Input
Input/Output
Input
Input
Phase B—Quadrature Decoder #0 PHASEB input
TA1—Timer A Channel 1
1
INDEX0
TA2
Input
Input/Output
Input
Input
Index—Quadrature Decoder #0 INDEX input
TA2—Timer A Channel 2
1
HOME0
TA3
Input
Input/Output
Input
Input
Home—Quadrature Decoder #0 HOME input
TA3—Timer A Channel 3
Table 2-13 Serial Communications Interface (SCI0) Signals
No. of
Pins
Signal
Name
Signal Type
State During
Reset
Signal Description
1
TXD0
GPIOE0
Output
Input/Output
Input
Input
Transmit Data (TXD0)—SCI0 transmit data output
Port E GPIO—This General Purpose I/O (GPIO) pin can be
individually programmed as an input or output pin.
After reset, the default state is SCI output.
1
RXD0
GPIOE1
Input
Input/Output
Input
Input
Receive Data (RXD0)— SCI0 receive data input
Port E GPIO—This General Purpose I/O (GPIO) pin can be
individually programmed as an input or output pin.
After reset, the default state is SCI input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com