Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2315 Datasheet(PDF) 18 Page - Advanced Analogic Technologies

Part # AAT2315
Description  Dual 600mA Step-Down Converter with Synchronization
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2315 Datasheet(HTML) 18 Page - Advanced Analogic Technologies

Back Button AAT2315_07 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2315_07 Datasheet HTML 15Page - Advanced Analogic Technologies AAT2315_07 Datasheet HTML 16Page - Advanced Analogic Technologies AAT2315_07 Datasheet HTML 17Page - Advanced Analogic Technologies AAT2315_07 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2315_07 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2315_07 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2315_07 Datasheet HTML 21Page - Advanced Analogic Technologies AAT2315_07 Datasheet HTML 22Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
AAT2513 Losses
The maximum dissipation occurs at dropout where V
IN = 2.7V. All values assume an 85°C ambient and a 120°C
junction temperature.
Figure 2: AAT2513 Evaluation Board Schematic
1.
L2
C2
V
O1
187k
R1
L1
V
O2
GND
LX2
R3
88.7k
R4
59.0k
R2
59.0k
C5
100pF
C4
100pF
C1
LX1
V
IN
C7
1μF
C6
1μF
C8
0.1μF
PS
1
VIN2
16
LX2
14
EN2
9
EN1
10
PGND2
13
AGND
2
MODE/SYNC
12
VCC
11
VIN1
5
FB1
4
FB2
3
LX1
7
PGND1
8
N/C
15
N/C
6
AAT2513
U1
C9
10μF
C3
10μF
R5
10
VIN
VIN
VCC
VCC
VIN
GND
GND
GND
GND
L1, L2 CDRH2D11
C1, C2 4.7μF 10V 0805 X5R
1
2
3
Phase Shift
1
2
3
Sync
1
2
3
Enable 1
1
2
3
Enable 2
C10
120μF
T
J(MAX) = TAMB +
Θ
JA · PLOSS = 85
°C + (28°C/W) · 533mW = 100°C
T
J(MAX) = TAMB +
Θ
JA · PLOSS = 85
°C + (50°C/W) · 533mW = 111°C
P
TOTAL
+ (t
sw · F · IO2 + 2 · IQ) · VIN
I
O1
2 · (R
DSON(HS) · VO1 + RDSON(LS) · (VIN -VO1)) + IO2
2 · (R
DSON(HS) · VO2 + RDSON(LS) · (VIN -VO2))
V
IN
=
=
+ (5ns · 1.7MHz · 0.6A + 60µA) · 2.7V = 533mW
0.6
2 · (0.725
Ω · 2.5V + 0.7Ω · (2.7V - 2.5V)) + 0.62 · (0.725Ω · 1.8V + 0.7Ω · (2.7V - 1.8V))
2.7V
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
18
2513.2007.04.1.1
1. For enhanced transient configuration C5, C4 = 100pF and C1, C2 = 10µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com