Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZD142 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BZD142
Description  ZenBlockTM; zener with integrated blocking diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZD142 Datasheet(HTML) 4 Page - NXP Semiconductors

  BZD142 Datasheet HTML 1Page - NXP Semiconductors BZD142 Datasheet HTML 2Page - NXP Semiconductors BZD142 Datasheet HTML 3Page - NXP Semiconductors BZD142 Datasheet HTML 4Page - NXP Semiconductors BZD142 Datasheet HTML 5Page - NXP Semiconductors BZD142 Datasheet HTML 6Page - NXP Semiconductors BZD142 Datasheet HTML 7Page - NXP Semiconductors BZD142 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2000 Dec 19
4
Philips Semiconductors
Preliminary specification
ZenBlockTM; zener with integrated blocking diode
BZD142
GRAPHICAL DATA
handbook, halfpage
0
200
3
Ptot
(W)
0
1
2
MGU214
100
T (
°C)
Fig.2
Maximum total power dissipation as a
function of temperature.
Solid line: tie-point temperature; lead length = 10 mm.
Dotted line: ambient temperature; printed-circuit board mounted as
shown in Fig.4.
handbook, halfpage
102
10
1
MBL107
110
Cd
(pF)
VR (V)
102
103
Fig.3
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
MGA200
3
2
7
50
25
50
Fig.4 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MGD521
IRSM
(%)
100
90
50
10
t1
t2
t
Fig.5
Non-repetitive peak reverse current pulse
definition.
In accordance with
“IEC 60060-1, Section 8”.
t1 =10 µs.
t2 = 1000 µs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com