Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2550 Datasheet(PDF) 21 Page - Advanced Analogic Technologies

Part # AAT2550
Description  Total Power Solution for Portable Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2550 Datasheet(HTML) 21 Page - Advanced Analogic Technologies

Back Button AAT2550 Datasheet HTML 17Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 21Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 22Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 23Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 24Page - Advanced Analogic Technologies AAT2550 Datasheet HTML 25Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Data Timing
The system microcontroller should assert an active
low data request pulse for minimum duration of
200ns; this is specified by the SQPULSE. Upon sens-
ing the rising edge of the end of the data request
pulse, the AAT2550 status data control will reply the
data word back to the system microcontroller after a
delay defined by the data report time specification
TDATA(RPT). The period of the following group of data
pulses will be defined by the TDATA specification.
AAT2550
Total Power Solution for Portable Applications
2550.2006.07.1.0
21
Timing Diagram
SQ
SQPULSE
Data
System Reset
System Start
CK
TSYNC
TLAT
N=1
N=2
N=3
TOFF
TDATA(RPT) = TSYNC + TLAT < 2.5 PDATA
TOFF > 2 PDATA
PDATA
Capacitor Selection
Input Capacitor
In general, it is good design practice to place a
decoupling capacitor between the ADP pin and
ground. An input capacitor in the range of 1µF to
22µF is recommended. If the source supply is
unregulated, it may be necessary to increase the
capacitance to keep the input voltage above the
under-voltage lockout threshold during device
enable and when battery charging is initiated.
If the AAT2550 adapter input is to be used in a sys-
tem with an external power supply source, such as
a typical AC-to-DC wall adapter, then a CIN capaci-
tor in the range of 10µF should be used. A larger
input capacitor in this application will minimize
switching or power bounce effects when the power
supply is "hot plugged."
Output Capacitor
The AAT2550 only requires a 1µF ceramic capac-
itor on the BAT pin to maintain circuit stability. This
value should be increased to 10µF or more if the
battery connection is made any distance from the
charger output. If the AAT2550 is to be used in
applications where the battery can be removed
from the charger, such as in the case of desktop
charging cradles, an output capacitor greater than
10µF may be required to prevent the device from
cycling on and off when no battery is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com